Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5310-BM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI5310-BM
Description  PRECISION CLOCK MULTIPLIER/REGENERATOR IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5310-BM Datasheet(HTML) 5 Page - Silicon Laboratories

  SI5310-BM Datasheet HTML 1Page - Silicon Laboratories SI5310-BM Datasheet HTML 2Page - Silicon Laboratories SI5310-BM Datasheet HTML 3Page - Silicon Laboratories SI5310-BM Datasheet HTML 4Page - Silicon Laboratories SI5310-BM Datasheet HTML 5Page - Silicon Laboratories SI5310-BM Datasheet HTML 6Page - Silicon Laboratories SI5310-BM Datasheet HTML 7Page - Silicon Laboratories SI5310-BM Datasheet HTML 8Page - Silicon Laboratories SI5310-BM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Si5310
Rev. 1.2
5
2. Electrical Specifications
Figure 1. Differential Voltage Measurement (CLKIN, REFCLK, CLKOUT, MULTOUT)
Figure 2. CLKIN to CLKOUT, MULTOUT Phase Relationship
Figure 3. Differential Clock Input and Output Rise/Fall Times
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–40
25
85
°C
Si5310 Supply Voltage2
VDD
2.375
2.5
2.625
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. The Si5310 specifications are guaranteed when using the recommended application circuit (including component
tolerance) of "3. Typical Application Circuit" on page 11.
V
IS
V
ID,VOD
Differential
I/Os
Differential
Voltage Swing
Differential Peak-to-Peak Voltage
SIGNAL +
SIGNAL –
(SIGNAL +) – (SIGNAL –)
V
ICM, VOCM
V
t
t
CI-M
MULTOUT
CLKIN
CLKOUT
t
M-CO
1/f
MULT
CLKIN,
REFCLK,
CLKOUT,
MULTOUT
t
F
t
R
80%
20%


Similar Part No. - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Similar Description - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com