Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5310-BM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI5310-BM
Description  PRECISION CLOCK MULTIPLIER/REGENERATOR IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5310-BM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI5310-BM Datasheet HTML 5Page - Silicon Laboratories SI5310-BM Datasheet HTML 6Page - Silicon Laboratories SI5310-BM Datasheet HTML 7Page - Silicon Laboratories SI5310-BM Datasheet HTML 8Page - Silicon Laboratories SI5310-BM Datasheet HTML 9Page - Silicon Laboratories SI5310-BM Datasheet HTML 10Page - Silicon Laboratories SI5310-BM Datasheet HTML 11Page - Silicon Laboratories SI5310-BM Datasheet HTML 12Page - Silicon Laboratories SI5310-BM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Si5310
Rev. 1.2
9
Jitter Transfer Bandwidth
(MULTSEL = 1,
MULTOUT = 150 to 167 MHz)*
JBW
Clock Input (MHz) =
9.375 to 10.438
—19
26
kHz
Clock Input (MHz) =
18.750 to 20.875
—38
53
kHz
Clock Input (MHz) =
37.500 to 41.750
75
105
kHz
Clock Input (MHz) =
75.000 to 83.500
150
210
kHz
Clock Input (MHz) =
150.000 to 167.000
300
420
kHz
Jitter Transfer Peaking
(MULTSEL = 0,
MULTOUT = 600 to 668 MHz)*
JP
Clock Input (MHz) =
37.500 to 41.750
0.12
0.4
dB
Clock Input (MHz) =
75.000 to 83.500
0.06
0.2
dB
Clock Input (MHz) =
150.000 to 167.000
0.03
0.1
dB
Clock Input (MHz) =
300.000 to 334.000
0.02
0.066
dB
Clock Input (MHz) =
600.000 to 668.000
0.01
0.033
dB
Jitter Transfer Peaking
(MULTSEL = 1,
MULTOUT = 150 to 167 MHz)*
JP
Clock Input (MHz) =
9.375 to 10.438
0.12
0.4
dB
Clock Input (MHz) =
18.750 to 20.875
0.06
0.2
dB
Clock Input (MHz) =
37.500 to 41.750
0.03
0.1
dB
Clock Input (MHz) =
75.000 to 83.500
0.02
0.066
dB
Clock Input (MHz) =
150.000 to 167.000
0.01
0.033
dB
Acquisition Time
TAQ
After falling edge of
PWRDN/CAL
1.45
1.5
1.7
ms
From the return of valid
CLKIN
40
60
150
µs
Frequency Difference at which PLL goes
out of Lock (REFCLK compared to the
divided down VCO clock)
LOL
450
600
750
ppm
Frequency Difference at which PLL goes
into Lock (REFCLK compared to the
divided down VCO clock)
LOCK
150
300
450
ppm
Table 4. AC Characteristics (PLL Performance Characteristics) (Continued)
(VDD = 2.5 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
*Note: See PLL Performance section of this document for test descriptions.


Similar Part No. - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
More results

Similar Description - SI5310-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5311 ETC-SI5311 Datasheet
513Kb / 24P
   PRECISION HIGH SPEED CLOCK MULTIPLIER/REGENERATOR IC
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com