Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX34B Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BDX34B
Description  Transistor de puissance PNP darlington
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX34B Datasheet(HTML) 2 Page - Power Innovations Ltd

  BDX34B Datasheet HTML 1Page - Power Innovations Ltd BDX34B Datasheet HTML 2Page - Power Innovations Ltd BDX34B Datasheet HTML 3Page - Power Innovations Ltd BDX34B Datasheet HTML 4Page - Power Innovations Ltd BDX34B Datasheet HTML 5Page - Power Innovations Ltd BDX34B Datasheet HTML 6Page - Power Innovations Ltd BDX34B Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BDX34, BDX34A, BDX34B, BDX34C, BDX34D
PNP SILICON POWER DARLINGTONS
2
AUGUST 1993 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -100 mA
IB = 0
(see Note 3)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
-45
-60
-80
-100
-120
V
ICEO
Collector-emitter
cut-off current
VCE = -30 V
VCE = -30 V
VCE = -40 V
VCE = -50 V
VCE = -60 V
VCE = -30 V
VCE = -30 V
VCE = -40 V
VCE = -50 V
VCE = -60 V
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
-0.5
-0.5
-0.5
-0.5
-0.5
-10
-10
-10
-10
-10
mA
ICBO
Collector cut-off
current
VCB = -45 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
VCB = -120 V
VCB = -45 V
VCB = -60 V
VCB = -80 V
VCB = -100 V
VCB = -120 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
TC = 100°C
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
-1
-1
-1
-1
-1
-5
-5
-5
-5
-5
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC = 0
-10
mA
hFE
Forward current
transfer ratio
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
IC = -4 A
IC = -4 A
IC = -3 A
IC = -3 A
IC = -3 A
(see Notes 3 and 4)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
750
750
750
750
750
VBE(on)
Base-emitter
voltage
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
VCE =
-3 V
IC = -4 A
IC = -4 A
IC = -3 A
IC = -3 A
IC = -3 A
(see Notes 3 and 4)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
-2.5
-2.5
-2.5
-2.5
-2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
-8 mA
IB =
-8 mA
IB =
-6 mA
IB =
-6 mA
IB =
-6 mA
IC = -4 A
IC = -4 A
IC = -3 A
IC = -3 A
IC = -3 A
(see Notes 3 and 4)
BDX34
BDX34A
BDX34B
BDX34C
BDX34D
-2.5
-2.5
-2.5
-2.5
-2.5
V
VEC
Parallel diode
forward voltage
IE =
-8 A
IB = 0
-4
V


Similar Part No. - BDX34B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX34B MOSPEC-BDX34B Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
ON Semiconductor
BDX34B ONSEMI-BDX34B Datasheet
93Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2007 - Rev. 12
logo
Motorola, Inc
BDX34B MOTOROLA-BDX34B Datasheet
135Kb / 6P
   Darlington Complementary Silicon Power Transistors
logo
Inchange Semiconductor ...
BDX34B ISC-BDX34B Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
BDX34B ONSEMI-BDX34B Datasheet
135Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
More results

Similar Description - BDX34B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
   Relais miniature de puissance
R147 ETC2-R147 Datasheet
239Kb / 5P
   PENTODE AMPLIFICATRICE DE PUISSANCE A LONGUE DUREE
logo
Hammond Manufacturing L...
SCR HAMMOND-SCR Datasheet
54Kb / 1P
   Generateur dair chaud haute puissance de 550-650 W
logo
List of Unclassifed Man...
SC948100 ETC1-SC948100 Datasheet
84Kb / 2P
   Relais statique monophase de puissance Power Solid State Relay
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com