Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5367A-B-GQ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5367A-B-GQ
Description  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367A-B-GQ Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5367A-B-GQ Datasheet HTML 1Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Preliminary Rev. 0.3 3/07
Copyright © 2007 by Silicon Laboratories
Si5367
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si5367
µP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Description
The Si5367 is a low jitter, precision clock multiplier for
applications requiring clock multiplication without jitter
attenuation. The Si5367 accepts four clock inputs ranging
from 10 to 707 MHz and generates five frequency-multiplied
clock outputs ranging from 10 to 945 MHz and select
frequencies to 1.4 GHz. The device provides virtually any
frequency translation combination across this operating
range. The outputs are divided down separately from a
common source. The Si5367 input clock frequency and clock
multiplication ratio are programmable through an I2C or SPI
interface. The Si5367 is based on Silicon Laboratories' 3rd-
generation DSPLL® technology, which provides any-rate
frequency synthesis in a highly integrated PLL solution that
eliminates the need for external VCXO and loop filter
components. The DSPLL loop bandwidth is digitally
programmable, providing jitter performance optimization at
the application level. Operating from a single 1.8 or 2.5 V
supply, the Si5367 is ideal for providing clock multiplication in
high performance timing applications.
Applications
SONET/SDH OC-48/OC-192 line cards
GbE/10GbE, 1/2/4/8/10GFC line cards
ITU G.709 and custom FEC line cards
Wireless basestations
Data converter clocking
xDSL
SONET/SDH + PDH clock synthesis
Test and measurement
Features
Generates any frequency from 10 to 945 MHz and
select frequencies to 1.4 GHz from an input
frequency of 10 to 710 MHz
Low jitter clock outputs w/jitter generation as low as
0.6 ps rms (50 kHz–80 MHz)
Integrated loop filter with selectable loop bandwidth
(30 kHz to 1.3 MHz)
Four clock inputs w/manual or automatically
controlled hitless switching
Five clock outputs with selectable signal format
(LVPECL, LVDS, CML, CMOS)
Support for ITU G.709 FEC ratios (255/238,
255/237, 255/236)
LOS alarm outputs
Digitally-controlled output phase adjust
I2C or SPI programmable settings
On-chip voltage regulator for 1.8 or 2.5 V ±10%
operation
Small size: 14 x 14 mm 100-pin TQFP
Pb-free, RoHS compliant
PRELIMINARY DATA SHEET
I2C/SPI Port
Clock Select
CKOUT2
CKIN1
CKOUT1
CKIN2
Control
÷ NC1
÷ NC2
CKIN3
CKIN4
CKOUT4
÷ NC4
CKOUT5
÷ NC5
VDD (1.8 or 2.5 V)
GND
÷ N32
÷ N31
DSPLL
®
÷ N2
CKOUT3
÷ NC3
÷ N33
÷ N34
Device Interrupt
LOS Alarms


Similar Part No. - SI5367A-B-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - SI5367A-B-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com