Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8431 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI8431
Description  TRIPLE-CHANNEL DIGITAL ISOLATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8431 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8431 Datasheet HTML 6Page - Silicon Laboratories SI8431 Datasheet HTML 7Page - Silicon Laboratories SI8431 Datasheet HTML 8Page - Silicon Laboratories SI8431 Datasheet HTML 9Page - Silicon Laboratories SI8431 Datasheet HTML 10Page - Silicon Laboratories SI8431 Datasheet HTML 11Page - Silicon Laboratories SI8431 Datasheet HTML 12Page - Silicon Laboratories SI8431 Datasheet HTML 13Page - Silicon Laboratories SI8431 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Si8430/31/35
10
Rev. 0.3
Table 3. Electrical Characteristics
(VDD1 = 2.5 V, VDD2 = 2.5 V, TA = –40 to 100 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
2.3
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Enable Input High Current
IENH
VENx = VIH
—4
µA
Enable Input Low Current
IENL
VENx = VIL
—20
µA
DC Supply Current (All inputs 0 V or at supply)
Si8430/35-A,-B,-C, VDD1
All inputs 0 DC
6
8
mA
Si8430/35-A,-B,-C, VDD2
All inputs 0 DC
5
7
mA
Si8430/35-A,-B,-C, VDD1
All inputs 1 DC
11
13
mA
Si8430/35-A,-B,-C, VDD2
All inputs 1 DC
5
7
mA
Si8431-A,-B,-C, VDD1
All inputs 0 DC
7
10
mA
Si8431-A,-B,-C, VDD2
All inputs 0 DC
9
11
mA
Si8431-A,-B,-C, VDD1
All inputs 1 DC
11
13
mA
Si8431-A,-B,-C, VDD2
All inputs 1 DC
9
11
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8430/35-B,-C, VDD1
—9
11
mA
Si8430/35-B,-C, VDD2
—8
10
mA
Si8431-B,-C, VDD1
—9
11
mA
Si8431-B,-C, VDD2
—10
13
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8430-C, VDD1
—10
12
mA
Si8430-C, VDD2
—12
15
mA
Si8431-C, VDD1
—12
15
mA
Si8431-C, VDD2
—15
19
mA


Similar Part No. - SI8431

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431 SILABS-SI8431 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8431 SKYWORKS-SI8431 Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8431AB-C-IS SILABS-SI8431AB-C-IS Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Skyworks Solutions Inc.
SI8431AB-C-IS SKYWORKS-SI8431AB-C-IS Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
Silicon Laboratories
SI8431AB-C-IS1 SILABS-SI8431AB-C-IS1 Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
More results

Similar Description - SI8431

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
logo
IK Semicon Co., Ltd
ILX488-3 IKSEMICON-ILX488-3 Datasheet
784Kb / 19P
   Low-Power Triple-Channel Digital Isolator
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
logo
Texas Instruments
ISO6731 TI-ISO6731 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731 General-Purpose Triple-Channel Digital Isolator with Robust EMC
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
   Dual channel digital isolator
Rev 2 - January 2023
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com