Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX34D Datasheet(PDF) 6 Page - Power Innovations Ltd

Part # BDX34D
Description  Transistor de puissance PNP darlington
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDX34D Datasheet(HTML) 6 Page - Power Innovations Ltd

  BDX34D Datasheet HTML 1Page - Power Innovations Ltd BDX34D Datasheet HTML 2Page - Power Innovations Ltd BDX34D Datasheet HTML 3Page - Power Innovations Ltd BDX34D Datasheet HTML 4Page - Power Innovations Ltd BDX34D Datasheet HTML 5Page - Power Innovations Ltd BDX34D Datasheet HTML 6Page - Power Innovations Ltd BDX34D Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BDX34, BDX34A, BDX34B, BDX34C, BDX34D
PNP SILICON POWER DARLINGTONS
6
AUGUST 1993 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Similar Part No. - BDX34D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX34D POINN-BDX34D Datasheet
166Kb / 7P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX34D BOURNS-BDX34D Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX34D TEL-BDX34D Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BDX34D CDIL-BDX34D Datasheet
188Kb / 4P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results

Similar Description - BDX34D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OW5691 ETC-OW5691 Datasheet
99Kb / 4P
   Relais miniature de puissance
R147 ETC2-R147 Datasheet
239Kb / 5P
   PENTODE AMPLIFICATRICE DE PUISSANCE A LONGUE DUREE
logo
Hammond Manufacturing L...
SCR HAMMOND-SCR Datasheet
54Kb / 1P
   Generateur dair chaud haute puissance de 550-650 W
logo
List of Unclassifed Man...
SC948100 ETC1-SC948100 Datasheet
84Kb / 2P
   Relais statique monophase de puissance Power Solid State Relay
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com