Electronic Components Datasheet Search |
|
SI533QA00100DG Datasheet(PDF) 7 Page - Silicon Laboratories |
|
SI533QA00100DG Datasheet(HTML) 7 Page - Silicon Laboratories |
7 / 12 page Si533 Rev. 1.1 7 3. Ordering Information The Si533 XO supports a variety of options including frequency, temperature stability, output format, and VDD. Specific device configurations are programmed into the Si533 at time of shipment. Configurations can be specified using the Part Number Configuration chart below. Silicon Laboratories provides a web browser-based part number configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to access this tool and for further ordering instructions. The Si533 is supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm package. The Si533 supports output enable (OE) on pin 1. Figure 1. Part Number Convention Example Part Number: 533AB000108DGR is a 5x7mm Dual XO in a 6 pad package. Since the six digit code (000108) is > 000100, f0 is 644.53125 MHz (lower frequency) and f1 is 693.48299 (higher frequency), with a 3.3V supply and LVPECL output. Temperature stability is specified as ± 20 ppm. The part is specified for a -40 to +85 C° ambient temperature range operation and is shipped in tape and reel format. R = Tape & Reel Blank = Trays Operating Temp Range (°C) G –40 to +85 °C Device Revision Letter 533 Dual XO Product Family 6-digit Frequency Designator Code Two unique frequencies can be specified within the following bands of frequencies: 10 to 945 MHz, 970 to 1134 MHz, and 1213 to 1417 MHz. A six digit code will be assigned for the specified combination of frequencies. Codes > 000100 refer to dual XOs programmed with the lower frequency value selected when FS = 0, and the higher value when FS = 1. Six digit codes < 000100 refer to dual XOs programmed with the higher frequency value selected when FS = 0, and the lower value when FS = 1. 533 X X XXXXXX D G R 1st Option Code VDD Output Format Output Enable Polarity A 3.3 LVPECL High B 3.3 LVDS High C 3.3 CMOS High D3.3 CML High E 2.5 LVPECL High F 2.5 LVDS High G 2.5 CMOS High H2.5 CML High J 1.8 CMOS High K1.8 CML High M 3.3 LVPECL Low N 3.3 LVDS Low P3.3 CMOS Low Q3.3 CML Low R 2.5 LVPECL Low S 2.5 LVDS Low T2.5 CMOS Low U2.5 CML Low V1.8 CMOS Low W1.8 CML Low Note: CMOS available to 160 MHz. 2nd Option Code Code Temperature Stability (ppm, max, ±) Total Stablility (ppm, max, ±) A 50 61.5 B 20 31.5 C 7 20 |
Similar Part No. - SI533QA00100DG |
|
Similar Description - SI533QA00100DG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |