Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS169-73 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS169-73
Description  PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS169-73 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS169-73 Datasheet HTML 1Page - Skyworks Solutions Inc. AS169-73 Datasheet HTML 2Page - Skyworks Solutions Inc. AS169-73 Datasheet HTML 3Page - Skyworks Solutions Inc. AS169-73 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200105 Rev. E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
1
AS169-73, AS169-73LF: PHEMT GaAs IC SPDT Switch
300 kHz–2.5 GHz
DATA SHEET
Features
P1 dB 30 dBm typical @ 3 V
IP3 52 dBm typical
Low insertion loss (0.3 dB @ 0.9 GHz)
Low DC power consumption
Ultraminiature low-cost SOT-6 plastic package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS169-73 is an IC FET SPDT switch in a low-cost SOT-6
plastic package. The AS169-73 features low insertion loss and
positive voltage operation with very low DC power consumption.
This general-purpose switch can be used in a variety of
telecommunications applications.
Parameter
Frequency
Min.
Typ.
Max.
Unit
Insertion loss(1)
300 kHz–1.0 GHz
0.3
0.4
dB
300 kHz–2.5 GHz
0.4
0.5
dB
Isolation
300 kHz–1.0 GHz
22
25
dB
300 kHz–2.5 GHz
21
24
dB
VSWR(2)
300 kHz–1.0 GHz
1.15:1
1.25:1
300 kHz–2.5 GHz
1.3:1
1.4:1
Electrical Specifications at 25 °C
Z0 = 50
Ω,VCTL = 0/3 V unless otherwise noted
Pin Out
J1
GND
CBL
CBL
CBL
J2
J3
V1
V2
DC blocking capacitors (CBL) must be supplied externally for positive voltage operation.
CBL = 100 pF for operation >500 MHz.
1. Insertion loss changes by 0.003 dB/°C.
2. Insertion loss state.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
Applications
General-purpose medium-power switches in
telecommunication applications
T/R switches in 802.11b, g WLAN BluetoothTM systems
Innovation to Go
TM
Now available for purchase online.
BUY
NOW
BUY
NOW


Similar Part No. - AS169-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
More results

Similar Description - AS169-73

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12_06 Datasheet
150Kb / 4P
   GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
AS172-73 SKYWORKS-AS172-73_05 Datasheet
199Kb / 4P
   PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AW002R2-12 SKYWORKS-AW002R2-12_06 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
AS216-339 SKYWORKS-AS216-339_06 Datasheet
256Kb / 4P
   GaAs SPDT IC 7 W T/R Switch 300 kHz-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com