Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65006 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65006
Description  3.3 V, 2.5 GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65006 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65006 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65006
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 14, 2007 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200122 Rev. D
4
006A
XXXX
YXX
Pin 1
Indicator
Pin 1
Top View
Pin 16
Skyworks P/N
Lot #
Date Code
Y = Calendar Year
WW = Week
Device Branding Specifications
802.11g EVM and ICC vs. POUT
OFDM Modulation, 54 Mbps, VCC = 3.3 V,
VREG = 3 V, FC = 2.442 GHz, TA = 25 °C
POUT (dBm)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
12
14
16
18
20
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Gain
EVM
ICC
VDET vs. POUT
OFDM Modulation, 54 Mbps, VCC = 3.3 V,
VREG = 3 V, FC = 2.442 GHz, TA = 25 °C
POUT (dBm)
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VDET
VREG vs. POUT
OFDM Modulation, 54 Mbps,
VCC = 3.3 V, TA = 25 °C
Frequency (GHz)
17.5
17.6
17.7
17.8
17.9
18.0
18.1
18.2
18.3
18.4
18.5
2412
2424
2436
2448
2460
2472
2484
VREG = 3.25 V
VREG = 3.15 V
VREG = 3.05 V
VREG = 2.95 V
VREG = 3.00 V
CW, 2F and 3F Harmonics vs. POUT
VCC = 3.3 V, VREG = 3 V, FC = 2.442 GHz, TA = 25 °C
POUT (dBm)
20
22
24
26
28
30
32
34
36
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
-90
-80
-70
-60
-50
-40
-30
-20
-10
Gain
F3
F2
802.11b POUT, Gain, and ICC vs. Frequency
CCK Modulation, 11 Mbps, VCC = 3.3 V, TA = 25 °C
Frequency (MHz)
20
21
22
23
24
25
26
27
28
29
30
2412
2424
2436
2448
2460
2472
2484
0.185
0.186
0.187
0.188
0.189
0.190
0.191
0.192
0.193
0.194
0.195
Gain
POUT
ICC


Similar Part No. - SKY65006

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
   (3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
   3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Skyworks Solutions Inc.
AP163-317 SKYWORKS-AP163-317 Datasheet
178Kb / 3P
   3.3 V, 802.11b/g Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com