Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65006 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65006
Description  3.3 V, 2.5 GHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65006 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65006 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65006 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65006
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 14, 2007 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200122 Rev. D
2
Pin
Symbol
Description
1, 3, 4, 12,
GND
Equipotential point. Connect these pins to the
13, 15, 16
printed circuit board common via the lowest
possible impedance.
2
RF IN
RF input
5
VBCC
DC control voltage input that sets bias to the first
amplifier stage.
6VREG1
DC control voltage input to regulate the current to
the first amplifier stage.
7VREG2
DC control voltage input to regulate the current to
the 2nd amplifier stage.
8
VDCC
Reference voltage input to power detector.
9VDETOUT
Power detector output voltage.
10, 11
RF OUT/VCC
RF outputs and supply voltage inputs to second
amplifier stage. These pins must be connected
directly together for current sharing.
14
VCC
DC supply voltage input to the first amplifier stage.
Pin Assignments
Mode
VCC
VREG
(1)
VBCC
VDCC
RF IN-RF OUT
3.3
3
3.3
3.3
DC Voltage Control Table
Characteristic
Value
Supply voltage (VCC)
5 V
Supply current (VICC)
500 mA
Regulator supply voltage (VREG1 & VREG2)
< VCC V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +85 °C
RF input power
10 dBm
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
1. VREG refers to VREG on the engineering test board.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
2400
2500
MHz
Gain
lS21l
Small signal
27.5
dB
Gain variation over frequency
l
∆S21l
Small signal
0.2
dB
Quiescent current
ICQ
(No RF signal )
50
mA
Input return loss
lS11l
Small signal
-21.2
dB
Output return loss
lS22l
Small signal
-6.2
dB
Output P1 dB
P1 dB
CW
23.9
dBm
2nd harmonic
F2
CW at P1 dB
-58.6
dBm
3rd harmonic
F3
CW at P1 dB
-43.2
dBm
Detector voltage
VDET
CW at POUT = 0 dBm
0.2
V
General RF Transmit Electrical Specifications
TA = 25 °C, VCC = 3.3 V, VREG = 3 V


Similar Part No. - SKY65006

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Broadcom Corporation.
ALM-42316 BOARDCOM-ALM-42316 Datasheet
849Kb / 13P
   (3.3 ??5)V Linear Wireless Data Power Amplifier for (3.3 - 3.8)GHz Operation
logo
Mimix Broadband
XP1048-QJ MIMIX-XP1048-QJ Datasheet
376Kb / 8P
   3.3-3.8 GHz HFET 3W Linear Power Amplifier
logo
Skyworks Solutions Inc.
AP163-317 SKYWORKS-AP163-317 Datasheet
178Kb / 3P
   3.3 V, 802.11b/g Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
   Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com