Electronic Components Datasheet Search |
|
SI533VB00100DG Datasheet(PDF) 2 Page - Silicon Laboratories |
|
SI533VB00100DG Datasheet(HTML) 2 Page - Silicon Laboratories |
2 / 12 page Si533 2 Rev. 1.1 1. Electrical Specifications Table 1. Recommended Operating Conditions Parameter Symbol Test Condition Min Typ Max Units Supply Voltage1 VDD 3.3 V option 2.97 3.3 3.63 V 2.5 V option 2.25 2.5 2.75 1.8 V option 1.71 1.8 1.89 Supply Current IDD Output enabled LVPECL CML LVDS CMOS — — — — 111 99 90 81 121 108 98 88 mA Tristate mode — 60 75 Output Enable (OE) and Frequency Select (FS)2 VIH 0.75 x VDD —— V VIL —— 0.5 Operating Temperature Range TA –40 — 85 ºC Notes: 1. Selectable parameter specified by part number. See Section 3. "Ordering Information" on page 7 for further details. 2. OE and FS pins include a 17 k Ω pullup resistor to VDD. Table 2. CLK± Output Frequency Characteristics Parameter Symbol Test Condition Min Typ Max Units Nominal Frequency1,2 fO LVPECL/LVDS/CML 10 — 945 MHz CMOS 10 — 160 Initial Accuracy fi Measured at +25 °C at time of shipping — ±1.5 — ppm Temperature Stability1,3 –7 –20 –50 — — — +7 +20 +50 ppm Aging fa Frequency drift over first year — — ±3 ppm Frequency drift over 15 year life — — ±10 ppm Notes: 1. See Section 3. "Ordering Information" on page 7 for further details. 2. Specified at time of order by part number. Also available in frequencies from 970 to 1134 MHz and 1213 to 1417 MHz. 3. Selectable parameter specified by part number. 4. Time from powerup or tristate mode to fO. |
Similar Part No. - SI533VB00100DG |
|
Similar Description - SI533VB00100DG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |