Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240128-06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 240128-06
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  240128-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 6Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
3
1.3 Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply voltage for logic
VDD
-0.3
7.0
V
Supply voltage for LCD
VDD – V0
-0.3
30.0
V
Input voltage
VI
-0.3
VDD +0.3
V
Standard Operating temperature
TOP (-ST)
0
50
ºC
Standard Storage temperature
TST (-ST)
-10
60
ºC
Extended Operating temperature
TOP (-ET)
-20
70
ºC
Extended Storage temperature
TST (-ET)
-30
80
ºC
Soldering Temp
Tsolder
260
ºC
1.4 Circuit Block Diagram
1.5 Mechanical Characteristics
Item
Contents
Unit
Module size (W
×H×T)
144.0 x 104.0 x 14.1 Max (LED Backlight)
144.0 x 104.0 x 10.0 Max (Reflective / ELP Backlight)
mm
mm
Viewing area (W
×H)
114.0 x 64.0
mm
Active area (W
×H)
107.95 x 57.55
mm
Number of dots
240 x 128
dots
Dot size (W
×H)
0.40 x 0.40
mm
Dot pitch (W
×H)
0.45 x 0.45
mm
C128
S240
T6A40 x 2
COM. Driver
T6A39 x 3
SEG Driver
LCD Panel
240 x 128 Dots
ELP / LED Backlight
D0 – D7
/RD
/WR
/CE
/RST
FS
VDD
VO
Anode
Cathode
Bias
Circuitry
To LSI
Vss
Controller
LSI
T-6963C
(6MHz)
C/D
8K
SRAM
MD2
Vee


Similar Part No. - 240128-06

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24012 ARIES-24012 Datasheet
1Mb / 2P
   High-Frequency Center Probe Test Socket for Devices up to 55mm Square
More results

Similar Description - 240128-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128B VISHAY-LCD-240H128B Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com