Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATTINY26
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATTINY26_07 Datasheet HTML 8Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 9Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 10Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 11Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 12Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 13Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 14Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 15Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
ATtiny26(L)
1477J–AVR–06/07
Packaging Information
20P3
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
20P3, 20-lead (0.300"/7.62 mm Wide) Plastic Dual
Inline Package (PDIP)
C
20P3
1/12/04
PIN
1
E1
A1
B
E
B1
C
L
SEATING PLANE
A
D
e
eB
eC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
5.334
A1
0.381
D
25.493
25.984
Note 2
E
7.620
8.255
E1
6.096
7.112
Note 2
B
0.356
0.559
B1
1.270
1.551
L
2.921
3.810
C
0.203
0.356
eB
10.922
eC
0.000
1.524
e
2.540 TYP
Notes:
1. This package conforms to JEDEC reference MS-001, Variation AD.
2. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").


Similar Part No. - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26_06 Datasheet
1Mb / 185P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com