Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATTINY26
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATTINY26_07 Datasheet HTML 10Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 11Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 12Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 13Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 14Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 15Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 16Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 17Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
ATtiny26(L)
1477J–AVR–06/07
32M1-A
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32M1-A, 32-pad, 5 x 5 x 1.0 mm Body, Lead Pitch 0.50 mm,
E
32M1-A
5/25/06
3.10 mm Exposed Pad, Micro Lead Frame Package (MLF)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D1
D
E1
E
e
b
A3
A2
A1
A
D2
E2
0.08 C
L
1
2
3
P
P
0
1
2
3
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.65
1.00
A3
0.20 REF
b
0.18
0.23
0.30
D
D1
D2
2.95
3.10
3.25
4.90
5.00
5.10
4.70
4.75
4.80
4.70
4.75
4.80
4.90
5.00
5.10
E
E1
E2
2.95
3.10
3.25
e
0.50 BSC
L
0.30
0.40
0.50
P
0.60
12
o
Note: JEDEC Standard MO-220, Fig. 2 (Anvil Singulation), VHHD-2.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0
Pin 1 ID
Pin #1 Notch
(0.20 R)
K
0.20
K
K


Similar Part No. - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26_06 Datasheet
1Mb / 185P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com