Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATTINY26
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATTINY26_07 Datasheet HTML 11Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 12Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 13Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 14Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 15Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 16Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 17Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 18Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
ATtiny26(L)
1477J–AVR–06/07
Datasheet Revision
History
Please note that the referring page numbers in this section are referred to this docu-
ment. The referring revision in this section are referring to the document revision.
Rev. 1477J-06/07
1.
“Not recommended for new design”
Rev. 1477I-10/06
1.
Updated “Errata” on page 15
Rev. 1477H-04/06
1.
Updated typos.
2.
Added “Resources” on page 6.
3.
Updated features in “System Control and Reset” on page 33.
4.
Updated “Prescaling and Conversion Timing” on page 98.
5.
Updated algorithm for “Enter Programming Mode” on page 114.
Rev. 1477G-03/05
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame
Package QFN/MLF”.
2.
Updated “Electrical Characteristics” on page 128
3.
Updated “Ordering Information” on page 11
Rev. 1477F-12/04
1.
Updated Table 16 on page 34, Table 9 on page 29, and Table 29 on page 59.
2.
Added Table 20 on page 41.
3.
Added “Changing Channel or Reference Selection” on page 100.
4.
Updated “Offset Compensation Schemes” on page 107.
5.
Updated “Electrical Characteristics” on page 128.
6.
Updated package information for “20P3” on page 12.
7.
Rearranged some sections in the datasheet.
Rev. 1477E-10/03
1.
Removed Preliminary references.
2.
Updated “Features” on page 1.
3.
Removed SSOP package reference from “Pin Configuration” on page 2.
4.
Updated V
RST and tRST in Table 16 on page 34.
5.
Updated “Calibrated Internal RC Oscillator” on page 30.
6.
Updated DC Characteristics for V
OL, IIL, IIH, ICC Power Down and VACIO in “Elec-
trical Characteristics” on page 128.


Similar Part No. - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26_06 Datasheet
1Mb / 185P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com