Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATTINY26
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATTINY26_07 Datasheet HTML 11Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 12Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 13Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 14Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 15Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 16Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 17Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 18Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
ATtiny26(L)
1477J–AVR–06/07
7.
Updated V
INT, INL and Gain Error in “ADC Characteristics” on page 131 and
page 132. Fixed typo in “Absolute Accuracy” on page 132.
8.
Added Figure 106 in “Pin Driver Strength” on page 148, Figure 120, Figure 121
and Figure 122 in “BOD Thresholds and Analog Comparator Offset” on page
157. Updated Figure 117 and Figure 118.
9.
Removed LPM Rd, Z+ from “Instruction Set Summary” on page 9. This
instruction is not supported in ATtiny26.
Rev. 1477D-05/03
1.
Updated “Packaging Information” on page 12.
2.
Removed ADHSM from “ADC Characteristics” on page 131.
3.
Added section “EEPROM Write During Power-down Sleep Mode” on page 21.
4.
Added section “Default Clock Source” on page 27.
5.
Corrected PLL Lock value in the “Bit 0 – PLOCK: PLL Lock Detector” on page
76.
6.
Added information about conversion time when selecting differential chan-
nels on page 99.
7.
Corrected {DDxn, PORTxn} value on page 45.
8.
Added section “Unconnected Pins” on page 48.
9.
Added note for RSTDISBL Fuse in Table 50 on page 110.
10. Corrected DATA value in Figure 61 on page 118.
11. Added WD_FUSE period in Table 60 on page 125.
12. Updated “ADC Characteristics” on page 131 and added Table 66, “ADC Char-
acteristics, Differential Channels, T
A = -40°C to 85°C,” on page 132.
13. Updated “ATtiny26 Typical Characteristics” on page 133.
14. Added LPM Rd, Z and LPM Rd, Z+ in “Instruction Set Summary” on page 9.
Rev. 1477C-09/02
1.
Changed the Endurance on the Flash to 10,000 Write/Erase Cycles.
Rev. 1477B-04/02
1.
Removed all references to Power Save sleep mode in the section “System
Clock and Clock Options” on page 24.
2.
Updated the section “Analog to Digital Converter” on page 96 with more
details on how to read the conversion result for both differential and single-
ended conversion.
3.
Updated “Ordering Information” on page 11 and added QFN/MLF package
information.


Similar Part No. - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26_06 Datasheet
1Mb / 185P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com