Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY26 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY26
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY26 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY26_07 Datasheet HTML 1Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 2Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 3Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 4Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 5Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 6Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 7Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 8Page - ATMEL Corporation ATTINY26_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ATtiny26(L)
1477J–AVR–06/07
Description
The ATtiny26(L) is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle,
the ATtiny26(L) achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers.
All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing
two independent registers to be accessed in one single instruction executed in one clock
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers. The ATtiny26(L) has a high
precision ADC with up to 11 single ended channels and 8 differential channels. Seven
differential channels have an optional gain of 20x. Four out of the seven differential
channels, which have the optional gain, can be used at the same time. The ATtiny26(L)
also has a high frequency 8-bit PWM module with two independent outputs. Two of the
PWM outputs have inverted non-overlapping output pins ideal for synchronous rectifica-
tion. The Universal Serial Interface of the ATtiny26(L) allows efficient software
implementation of TWI (Two-wire Serial Interface) or SM-bus interface. These features
allow for highly integrated battery charger and lighting ballast applications, low-end ther-
mostats, and firedetectors, among other applications.
The ATtiny26(L) provides 2K bytes of Flash, 128 bytes EEPROM, 128 bytes SRAM, up
to 16 general purpose I/O lines, 32 general purpose working registers, two 8-bit
Timer/Counters, one with PWM outputs, internal and external Oscillators, internal and
external interrupts, programmable Watchdog Timer, 11-channel, 10-bit Analog to Digital
Converter with two differential voltage input gain stages, and four software selectable
power saving modes. The Idle mode stops the CPU while allowing the Timer/Counters
and interrupt system to continue functioning. The ATtiny26(L) also has a dedicated ADC
Noise Reduction mode for reducing the noise in ADC conversion. In this sleep mode,
only the ADC is functioning. The Power-down mode saves the register contents but
freezes the oscillators, disabling all other chip functions until the next interrupt or hard-
ware reset. The Standby mode is the same as the Power-down mode, but external
oscillators are enabled. The wakeup or interrupt on pin change features enable the
ATtiny26(L) to be highly responsive to external events, still featuring the lowest power
consumption while in the Power-down mode.
The device is manufactured using Atmel’s high density non-volatile memory technology.
By combining an enhanced RISC 8-bit CPU with Flash on a monolithic chip, the
ATtiny26(L) is a powerful microcontroller that provides a highly flexible and cost effec-
tive solution to many embedded control applications.
The ATtiny26(L) AVR is supported with a full suite of program and system development
tools including: Macro assemblers, program debugger/simulators, In-circuit emulators,
and evaluation kits.


Similar Part No. - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY26 ATMEL-ATTINY26_06 Datasheet
1Mb / 185P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - ATTINY26_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com