Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1322-099 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMP1322-099
Description  PIN Diode Chips Supplied on Film Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1322-099 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1322-099 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1322-099 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1322-099 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1322-099 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1322-099 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 30, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200140 Rev. C
DATA SHEET • PIN DIODE CHIPS SUPPLIED ON FILM FRAME
4
Wafer On Film
Grip Ring
0.003 (0.076 mm)
Separation
Between Die
3.940 (100 mm)
Wafer Dia.
5.520 (140.2 mm)
Inner Ring I.D.
5.981 (151.92 mm)
Outer Ring O.D.
0.236 (5.99 mm)
Ring Thickness
0.003 (0.076 mm) Nom.
Separation
Between Die
Wafer Film Frame Description
Wafer on nitto tape
Color: light blue
Thickness: 2.2–3 mils
Tensile strength: 6.6 (lbs. in width)
Ring material: plastic


Similar Part No. - SMP1322-099

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322-099 SKYWORKS-SMP1322-099 Datasheet
435Kb / 5P
   PIN Diode Chips Supplied on Film Frame
More results

Similar Description - SMP1322-099

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099_16 Datasheet
435Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMS3926-099 SKYWORKS-SMS3926-099 Datasheet
259Kb / 5P
   Schottky Diode Quad Mixer Chips Supplied on Film Frame
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Tyco Electronics
MA4BPS101 MACOM-MA4BPS101 Datasheet
83Kb / 4P
   PIN Diode Chips with Offset Bond Pads
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com