Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BULD25DR Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BULD25DR
Description  NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BULD25DR Datasheet(HTML) 2 Page - Power Innovations Ltd

  BULD25DR Datasheet HTML 1Page - Power Innovations Ltd BULD25DR Datasheet HTML 2Page - Power Innovations Ltd BULD25DR Datasheet HTML 3Page - Power Innovations Ltd BULD25DR Datasheet HTML 4Page - Power Innovations Ltd BULD25DR Datasheet HTML 5Page - Power Innovations Ltd BULD25DR Datasheet HTML 6Page - Power Innovations Ltd BULD25DR Datasheet HTML 7Page - Power Innovations Ltd BULD25DR Datasheet HTML 8Page - Power Innovations Ltd BULD25DR Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BULD25D, BULD25DR, BULD25SL
NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
2
JULY 1994 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
NOTES: 1. This value applies for tp = 1 s.
2. This value applies for tp = 10 ms, duty cycle ≤ 2%.
NOTES: 3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts, and located
within 1 mm from the device body for the D package and 3.2 mm from the device body for the SL package.
NOTE
5: Refer to Figures 12, 13 and 14 for Functional Test Circuit and Switching Waveforms.
Continuous collector current (see Note 1)
IC
2
A
Peak collector current (see Note 2)
ICM
4
A
Continuous base current (see Note 1)
IB
1.5
A
Peak base current (see Note 2)
IBM
2.5
A
Continuous device dissipation at (or below) 25°C ambient temperature
BULD25D
BULD25SL
Ptot
see Figure 10
see Figure 11
W
Maximum average continuous diode forward current at (or below) 25°C ambient temperature
IE(av)
0.5
A
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
electrical characteristics at 25°C ambient temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-emitter
sustaining voltage
IC =
0.1 A
400
V
ICES
Collector-emitter
cut-off current
VCE = 600 V
VBE = 0
10
µA
IEBO
Emitter cut-off
current
VEB =
9 V
IC = 0
1
mA
VBE(sat)
Base-emitter
saturation voltage
IB =
0.1 A
IC = 0.5 A
(see Notes 3 and 4)
0.9
1.1
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.1 A
IB =
0.2 A
IC = 0.5 A
IC =
1 A
(see Notes 3 and 4)
0.3
0.6
0.5
1
V
hFE
Forward current
transfer ratio
VCE = 10 V
VCE = 1.5 V
VCE =
5 V
IC = 0.01 A
IC = 0.5 A
IC =
1 A
(see Notes 3 and 4)
10
10
10
18
15
15
20
20
VEC
Anti-parallel diode
forward voltage
IE =
1 A
(see Notes 3 and 4)
1.5
1.7
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
D package
SL Package
165
115
°C/W
switching characteristics at 25°C ambient temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Anti-parallel diode
reverse recovery time
Measured by holding transistor
in an off condition, VEB = -3 V
(see Note 5)
0.5
1
µs
ts
Storage time
(see Note 5)
2
3.5
5
µs
tf
Fall time
(see Note 5)
0.25
0.35
µs
absolute maximum ratings at 25°C ambient temperature (unless otherwise noted) (continued)
RATING
SYMBOL
VALUE
UNIT


Similar Part No. - BULD25DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULD1101E STMICROELECTRONICS-BULD1101E Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD1101E-1 STMICROELECTRONICS-BULD1101E-1 Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
229Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
268Kb / 11P
   High voltage fast-switching NPN Power Transistor
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - BULD25DR

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BULD125KC TRSYS-BULD125KC Datasheet
972Kb / 6P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD85KC TRSYS-BULD85KC Datasheet
726Kb / 7P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
Power Innovations Ltd
BULD50KC POINN-BULD50KC Datasheet
231Kb / 10P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BUPD1520 POINN-BUPD1520 Datasheet
115Kb / 5P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD85KC POINN-BULD85KC Datasheet
166Kb / 8P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
BULD125KC POINN-BULD125KC Datasheet
167Kb / 8P
   NPN SILICON TRANSISTOR WITH INTEGRATED DIODE
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com