Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP201G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBP201G
Description  Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP201G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBP201G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP201G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
KBP201G - KBP207G
Single Phase 2.0 AMPS.
Glass Passivated Bridge Rectifiers
KBP
.460(11.68)
.420(10.6)
.160(4.1)
.140(3.6)
.153(3.9)
.146(3.7)
.050(1.27)
.5
MIN
(12.7)
SPACING
AC
.035(0.9)
.028(0.7)
.600(15.24)
.560(14.22)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction technique
results in inexpensive product
High temperature soldering guaranteed:
260 oC / 10 seconds at 5 lbs. ( 2.3 Kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202, Method
208
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBP
201G
KBP
202G
KBP
203G
KBP
204G
KBP
205G
KBP
206G
KBP
207G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Rating for Fusing
( t<8.35ms )
I
2
t
15
A2sec
Maximum Instantaneous Forward Voltage
@ 3.14A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
500
uA
uA
Typical thermal resistance (Note)
RθJA
RθJL
25
8
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.
With 0.4” x 0.4” (10 x 10mm) Copper Pads.


Similar Part No. - KBP201G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G_11 Datasheet
123Kb / 2P
   Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
KBP201G TSC-KBP201G_14 Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
KBP201G DACHANG-KBP201G_15 Datasheet
143Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
KBP201G GENESIC-KBP201G_16 Datasheet
356Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - KBP201G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBP2005 KINGTRONICS-KBP2005_15 Datasheet
421Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP200G JGD-KBP200G Datasheet
130Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBL205 ETC-GBL205 Datasheet
43Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G Datasheet
54Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_1 Datasheet
239Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ2005 YANGJIE-GBJ-KBJ2005 Datasheet
237Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Suntan Capacitors
RS207 SUNTAN-RS207 Datasheet
390Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR2KB60 TSC-UR2KB60 Datasheet
578Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
KBP201G TSC-KBP201G_11 Datasheet
123Kb / 2P
   Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com