Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS002R2-12 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS002R2-12
Description  GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS002R2-12 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS002R2-12 Datasheet HTML 1Page - Skyworks Solutions Inc. AS002R2-12 Datasheet HTML 2Page - Skyworks Solutions Inc. AS002R2-12 Datasheet HTML 3Page - Skyworks Solutions Inc. AS002R2-12 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200168 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • August 15, 2006
1
AS002R2-12, AS002R2-12LF: GaAs IC SPDT Low-Loss
Reflective Switch 300 kHz–2.5 GHz
DATA SHEET
Features
Low insertion loss (0.5 dB @ 0.9 GHz)
High isolation (35 dB @ 0.9 GHz)
Low-power T/R switch
Low-cost SOIC-8 plastic package
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS002R2-12 is a low-loss IC FET SPDT reflective general-
purpose switch in a plastic SOIC-8 package for commercial
low- cost, low-power applications. The switch operates with
-5, 0 V or 0, +5 V when “floated” as shown in the Pin Out diagram.
Parameter(1)
Frequency
Min.
Typ.
Max.
Unit
Insertion loss(2)
300 kHz–0.5 GHz
0.4
0.5
dB
300 kHz–1.0 GHz
0.5
0.6
dB
300 kHz–2.0 GHz
0.7
0.8
dB
300 kHz–2.5 GHz
0.8
0.9
dB
Isolation
300 kHz–0.5 GHz
40
42
dB
300 kHz–1.0 GHz
30
32
dB
300 kHz–2.0 GHz
22
24
dB
300 kHz–2.5 GHz
18
20
dB
VSWR(3)
300 kHz–0.5 GHz
1.2:1
1.3:1
300 kHz–1.0 GHz
1.3:1
1.5:1
300 kHz–2.5 GHz
1.5:1
1.7:1
Electrical Specifications at 25 °C (0, -5 V)
J2
J1
V1
V2
VS
10k
GND
CBP
CBP
CBL
CBL
CBL
GND
J3
Pin Out
External components shown are for positive voltage operation only.
CBL = 100 pF, CBP = 1000 pF for operation >500 MHz.
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Insertion loss state.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


Similar Part No. - AS002R2-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12 Datasheet
425Kb / 2P
   GaAs IC SPDT Low Loss Switch Reflective DC-2.5 GHz
More results

Similar Description - AS002R2-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS002R2-12 SKYWORKS-AS002R2-12 Datasheet
425Kb / 2P
   GaAs IC SPDT Low Loss Switch Reflective DC-2.5 GHz
AS338-12 SKYWORKS-AS338-12_06 Datasheet
92Kb / 4P
   GaAs IC SPDT Nonreflective Switch 300 kHz-2.5 GHz
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
SKY13316-12LF SKYWORKS-SKY13316-12LF Datasheet
480Kb / 4P
   GaAs IC SPST Non-Reflective Switch 300 kHz -2.5 GHz
AS004L2-11 SKYWORKS-AS004L2-11 Datasheet
33Kb / 2P
   GaAs IC SPDT Low Loss Switch Reflective DC-4 GHz
AW002R2-12 SKYWORKS-AW002R2-12_06 Datasheet
188Kb / 4P
   GaAs SPDT IC 5 W T/R Switch 300 kHz-2.5 GHz
AS216-339 SKYWORKS-AS216-339_06 Datasheet
256Kb / 4P
   GaAs SPDT IC 7 W T/R Switch 300 kHz-2.5 GHz
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com