Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS156-73 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS156-73
Description  GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS156-73 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS156-73 Datasheet HTML 1Page - Skyworks Solutions Inc. AS156-73 Datasheet HTML 2Page - Skyworks Solutions Inc. AS156-73 Datasheet HTML 3Page - Skyworks Solutions Inc. AS156-73 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200171 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 12, 2005
1
AS156-73, AS156-73LF: GaAs IC SPST Switch
Single Positive Control 0.5–2.5 GHz
DATA SHEET
Features
Single positive control voltage
3 V to 5 V operation
Isolation can be tuned to desired frequency
High isolation (45 dB at 0.9 GHz with 100 pF bypass capacitor)
Designed for use as an LNA bypass switch
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The AS156-73 is an SPST FET IC switch. The switch requires
external DC blocking capacitors and one bypass capacitor.
Isolation is optimized at 0.9 GHz utilizing a 100 pF bypass capac-
itor and optimized at 1.9 GHz utilizing a 2.7 pF bypass capacitor.
This switch requires a positive supply and single positive control.
The device is mounted in the SOT-6 package for surface
mounting in commercial switching applications, specifically as
an LNA bypass switch.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW
J1
V1
GND
GND
GND
CBYPASS
VS
10 k
CBL
J2
CBL
Pin Out
DC blocking capacitors (CBL) must be supplied externally.
CBL = 100 pF for operation >500 MHz.
Parameter(1)
Frequency
Min.
Typ.
Max.
Unit
Insertion loss(2)
0.5–1.4 GHz
0.65
0.75
dB
1.4–2.0 GHz
0.70
0.80
dB
2.0–2.5 GHz
0.75
0.90
dB
Isolation
0.5–1.4 GHz
40
45
dB
1.4–2.0 GHz
23
28
dB
2.0–2.5 GHz
10
15
dB
VSWR
0.5–2.5 GHz
1.3:1
Electrical Specifications at 25 °C (0, 3 V) CBYPASS = 100 pF
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.


Similar Part No. - AS156-73

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS156-73 SKYWORKS-AS156-73 Datasheet
426Kb / 2P
   GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
More results

Similar Description - AS156-73

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS156-73 SKYWORKS-AS156-73 Datasheet
426Kb / 2P
   GaAs IC SPST Switch Single Positive Control 0.5-2.5 GHz
AS165-59 SKYWORKS-AS165-59 Datasheet
438Kb / 2P
   GaAs IC High Isolation SPST Switch Positive Control 0.7-2.5 GHz
AS165-59 SKYWORKS-AS165-59_05 Datasheet
139Kb / 4P
   GaAs IC High-Isolation SPST Switch Positive Control 0.7-2.5 GHz
AS215-92 SKYWORKS-AS215-92_07 Datasheet
180Kb / 5P
   Single Positive Control PHEMT GaAs IC SPDT Switch 0.5-3 GHz
AS215-92 SKYWORKS-AS215-92 Datasheet
462Kb / 2P
   Single Positive Control PHEMT GaAs IC SPDT Switch 0.5-3 GHz
logo
Alpha Industries
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV104-12 ALPHA-AV104-12 Datasheet
29Kb / 3P
   GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com