Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS188-92 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AS188-92
Description  PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS188-92 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AS188-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS188-92 Datasheet HTML 2Page - Skyworks Solutions Inc. AS188-92 Datasheet HTML 3Page - Skyworks Solutions Inc. AS188-92 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • AS188-92, AS188-92LF
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200178 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
V1
V2
J1–J2
J1–J3
0VHIGH
Isolation
Insertion loss
VHIGH
0
Insertion loss
Isolation
Truth Table
All other conditions not recommended.
VHIGH = 3 to 5 V (VS = VHIGH ± 0.2 V).
Characteristic
Value
RF input power
6 W max. > 900 MHz
0/7 V control
Control voltage
-0.2 V, +7 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
SC-70 6-Lead
0.079 (2.00 mm)
± 0.008 (0.20 mm)
0.049 (1.25 mm)
± 0.004 (0.10 mm)
0.008 (0.20 mm)
± 0.004 (0.10 mm)
0.087 (2.20 mm)
± 0.008 (0.20 mm)
0.035 (0.90 mm)
± 0.004 (0.10 mm)
0.002 (0.005 mm)
± 0.002 (0.005 mm) 0.037 (0.95 mm)
± 0.006 (0.15 mm)
0.010 (0.25 mm)
± 0.006 (0.15 mm)
0.0055
(0.14 mm)
± 0.0015
(0.04 mm)
0.0256 (0.65 mm)
BSC
0.009 (0.23 mm)
Ref
Pin 1 Indicator
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - AS188-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
More results

Similar Description - AS188-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS205-322 ALPHA-AS205-322 Datasheet
58Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS178-73 ALPHA-AS178-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS179-92 SKYWORKS-AS179-92 Datasheet
109Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-3 GHz
AS183-92 SKYWORKS-AS183-92 Datasheet
168Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
AS169-73 SKYWORKS-AS169-73 Datasheet
144Kb / 4P
   PHEMT GaAs IC SPDT Switch 300 kHz-2.5 GHz
logo
Alpha Industries
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS176-59 SKYWORKS-AS176-59 Datasheet
116Kb / 4P
   GaAs IC High-Isolation Positive Control SPDT Switch 300 kHz-3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com