Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1112B27PI-L6MTFG Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1112B27PI-L6MTFG
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1112B27PI-L6MTFG Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1112B27PI-L6MTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 11Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 12Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 13Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 14Page - Seiko Instruments Inc S-1112B27PI-L6MTFG Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
11
Standard Circuit
ON/OFF
VSS
VOUT
VIN
CIN
*1
CL
*2
Input
Output
GND
Single GND
*1. CIN is a capacitor for stabilizing the input.
*2. A ceramic capacitor of 0.47
µF or more can be used for CL.
Figure 10
Caution The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN):
1.0
µF or more
Output capacitor (CL):
0.47
µF or more
ESR of output capacitor:
10
Ω or less
Caution A general series regulator may oscillate, depending on the external components selected.
Check that no oscillation occurs with the application using the above capacitor.


Similar Part No. - S-1112B27PI-L6MTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112B27PI-L6MTFG SII-S-1112B27PI-L6MTFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1112B27PI-L6MTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com