Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1112B32PI-L6RTFG Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1112B32PI-L6RTFG
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1112B32PI-L6RTFG Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1112B32PI-L6RTFG Datasheet HTML 5Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 6Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 7Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 8Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 9Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 10Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 11Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 12Page - Seiko Instruments Inc S-1112B32PI-L6RTFG Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
9
Electrical Characteristics
Table 7
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN
= VOUT(S) + 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S) VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
150
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT
= 100 mA
1.5 V
≤ VOUT(S) ≤ 1.6 V
0.32
0.55
V
1.7 V
≤ VOUT(S) ≤ 1.8 V
0.28
0.47
1.9 V
≤ VOUT(S) ≤ 2.3 V
0.25
0.35
2.4 V
≤ VOUT(S) ≤ 2.7 V
0.20
0.29
2.8 V
≤ VOUT(S) ≤ 5.5 V
0.19
0.26
Line regulation
OUT
IN
OUT1
V
V
V
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V,
IOUT
= 30 mA
0.05
0.2
% / V
1
Load regulation
∆VOUT2
VIN
= VOUT(S) + 1.0 V,
1.0 mA
≤ IOUT ≤ 80 mA
12
40
mV
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
VIN
= VOUT(S) + 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm/
°C
Current consumption
during operation
ISS1
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load
50
90
µA
2
Current consumption
during shutdown
ISS2
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = OFF,
no load
0.1
1.0
Input voltage
VIN
2.0
6.5
V
Shutdown pin
input voltage “H”
VSH
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
4
Shutdown pin
input voltage “L”
VSL
VIN
= VOUT(S) + 1.0 V, RL = 1.0 kΩ
0.3
Shutdown pin
input current “H”
ISH
VIN
= 6.5 V, VON/OFF = 6.5 V
−0.1
0.1
µA
Shutdown pin
input current “L”
ISL
VIN
= 6.5 V, VON/OFF = 0 V
−0.1
0.1
Ripple rejection
RR
VIN
= VOUT(S) + 1.0 V, f = 1.0 kHz,
∆Vrip = 0.5 Vrms, IOUT = 30 mA
80
dB
5
Short-circuit current
Ishort
VIN
= VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT
= 0 V
200
mA
3
*1.
VOUT(S): Specified output voltage
VOUT(E): Actual output voltage at the fixed load
The output voltage when fixing IOUT(
= 30 mA) and inputting VOUT(S) + 1.0 V
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop
= VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN
= VOUT(S) + 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
*4.
The change in temperature [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
*1
*1.
The change in temperature of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient
*5.
The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation of the package when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1112B32PI-L6RTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112B32PI-L6RTFG SII-S-1112B32PI-L6RTFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1112B32PI-L6RTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com