Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC108D Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIC108D
Description  SILICON CONTROLLED RECTIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC108D Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIC108D Datasheet HTML 1Page - Power Innovations Ltd TIC108D Datasheet HTML 2Page - Power Innovations Ltd TIC108D Datasheet HTML 3Page - Power Innovations Ltd TIC108D Datasheet HTML 4Page - Power Innovations Ltd TIC108D Datasheet HTML 5Page - Power Innovations Ltd TIC108D Datasheet HTML 6Page - Power Innovations Ltd TIC108D Datasheet HTML 7Page - Power Innovations Ltd TIC108D Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIC108 SERIES
SILICON CONTROLLED RECTIFIERS
2
APRIL 1971 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTE
6: This parameter must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2 %. Voltage sensing-contacts, separate from
the current carrying contacts, are located within 3.2 mm from the device body.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDRM
Repetitive peak
off-state current
VD = rated VDRM
RGK = 1 kΩ
TC = 110°C
400
µA
IRRM
Repetitive peak
reverse current
VR = rated VRRM
IG = 0
TC = 110°C
1
mA
IGT
Gate trigger current
VAA = 6 V
RL = 100 Ω
tp(g) ≥ 20 µs
0.2
1
mA
VGT
Gate trigger voltage
VAA = 6 V
tp(g) ≥ 20 µs
RL = 100 Ω
RGK = 1 kΩ
TC = - 40°C
1.2
V
VAA = 6 V
tp(g) ≥ 20 µs
RL = 100 Ω
RGK = 1 kΩ
0.4
0.6
1
VAA = 6 V
tp(g) ≥ 20 µs
RL = 100 Ω
RGK = 1 kΩ
TC = 110°C
0.2
IH
Holding current
VAA = 6 V
Initiating IT = 20 mA
RGK = 1 kΩ
TC = - 40°C
15
mA
VAA = 6 V
Initiating IT = 20 mA
RGK = 1 kΩ
10
VTM
Peak on-state
voltage
ITM = 5 A
(see Note 6)
1.7
V
dv/dt
Critical rate of rise of
off-state voltage
VD = rated VD
RGK = 1 kΩ
TC = 110°C
80
V/µs
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
3.5
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tgt
Gate-controlled
turn-on time
IT = 5 A
IG = 10 mA
See Figure 1
2.9
µs
tq
Circuit-commutated
turn-off time
IT = 5 A
IRM = 8 A
See Figure 2
13.3
µs


Similar Part No. - TIC108D

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC108D COMSET-TIC108D Datasheet
208Kb / 4P
   P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
More results

Similar Description - TIC108D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com