Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240128-06-FC-R-ET-ELP-GY Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 240128-06-FC-R-ET-ELP-GY
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-FC-R-ET-ELP-GY Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  240128-06-FC-R-ET-ELP-GY Datasheet HTML 1Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 2Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 3Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 4Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 5Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 6Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 7Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 8Page - List of Unclassifed Manufacturers 240128-06-FC-R-ET-ELP-GY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
2
1. GENERAL INFORMATION
1.1 Product Overview
• 240 x 128 dot matrix LCD
• STN (Super Twisted Nematic) or FSTN (Film compensated Super Twisted Nematic) Technology
• T-6963 (or equivalent) Graphics Controller IC w/ 8K SRAM.
• Multiplex drive : 1/128 duty, 1/13 bias
• LCD Module Service Life: 100,000 hours minimum
1.2 Part Options and Numbering System
240128
-06
-SL
-F
-ST
-LED
-GY
-6
-V
Custom Option Designator:
(-06) T-6963 Controller Option
Operating Mode:
(-SL) STN Silver / Gray
(-GR) STN Green
(-BN) STN Blue Negative Image
(-FC) FSTN Black & White Image
(-FN) FSTN Neg White & Black Image
Rear Polarizer Options:
(-F) Transflective
(-M) Transmissive
(-R) Reflective (No Backlight)
Operating Temperature:
(-ST) Standard (0 to +50 ºC)
(-ET) Extended (-20 to +70 ºC)
Backlight Options:
(-LED) Array Lit LED Backlight
(-ELED) Edge Lit LED Backlight
(-ELP) EL Panel Backlight
Backlight Coloration Options:
(-WH) LED or ELP – White
(-GY) LED - Green/Yellow
(-AM) LED - Amber
(-BG) ELP – Blue Green (EL Panel)
Viewing Angle:
(-6) 6 o’clock
(-12) 12 0’clock
Additional options:
(-V) Internal Negative Voltage Generator (VEE-Standard Feature)
• (-TC) Built in internal Temperature Compensation circuitry


Similar Part No. - 240128-06-FC-R-ET-ELP-GY

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24012 ARIES-24012 Datasheet
1Mb / 2P
   High-Frequency Center Probe Test Socket for Devices up to 55mm Square
More results

Similar Description - 240128-06-FC-R-ET-ELP-GY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
12864-12 ETC2-12864-12 Datasheet
460Kb / 31P
   128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
logo
Vishay Siliconix
LCD-240H128T VISHAY-LCD-240H128T Datasheet
63Kb / 3P
   240 x 128 Graphic LCD
Revision: 15-Jun-11
LCD-240H128B VISHAY-LCD-240H128B_V01 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2022
LCD-240H128E VISHAY-LCD-240H128E Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128E VISHAY-LCD-240H128E_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128A VISHAY-LCD-240H128A Datasheet
66Kb / 3P
   240 x 128 Graphic LCD
Revision: 23-Jun-17
LCD-240H128B VISHAY-LCD-240H128B Datasheet
130Kb / 3P
   240 x 128 Graphic LCD
Revision: 22-Jun-17
LCD-240H128A VISHAY-LCD-240H128A_V02 Datasheet
69Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
LCD-240H128B VISHAY-LCD-240H128B_V02 Datasheet
133Kb / 3P
   240 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com