Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA264-87LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AA264-87LF
Description  GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AA264-87LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AA264-87LF Datasheet HTML 1Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 2Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 3Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 4Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 5Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 6Page - Skyworks Solutions Inc. AA264-87LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • AA264-87, AA264-87LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200214 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 1, 2005
3
Frequency (GHz)
Insertion Loss vs. Frequency
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
25 °C
85 °C
-40 °C
Attenuation (dB)
IP3 vs. Attenuation and
Temperature (500 MHz)
35
40
45
50
55
60
0
2 4
6
8 10 12 14 16 18 20 22 24 26 28 30
25 °C
85 °C
-40 °C
VSWR vs. Frequency (25 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Ins. Loss
2 dB
4 dB
8 dB
16 dB
30 dB
Ins. Loss
2 dB
4 dB
8 dB
16 dB
30 dB
VSWR vs. Frequency (85 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
VSWR vs. Frequency (-40 ˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Ins. Loss
2 dB
4 dB
8 dB
16 dB
30 dB
Typical Performance Data (0, 5 V)
Compression Point vs. Attenuation, Voltage,
and Temperature
Attenuation
Control
Input Power @ 1 dB Compression
State
Voltage (V)
25 °C (dBm)
85 °C (dBm)
-40 °C (dBm)
Ins. Loss
5
29
28.9
29
2 dB
5
28.3
28.1
28.1
4 dB
5
35.2
34.7
35
8 dB
5
25.8
25.3
25.4
16 dB
5
21.7
21.3
21.6
30 dB
5
24.4
23.2
27.2


Similar Part No. - AA264-87LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
More results

Similar Description - AA264-87LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Skyworks Solutions Inc.
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com