Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G07 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP2G07
Description  Low-power dual buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G07 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP2G07 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AUP2G07 provides two non-inverting buffers with open-drain output. The output of
the device is an open drain and can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH wired-AND functions.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s Complies with JEDEC standards:
x JESD8-12 (0.8 V to 1.3 V)
x JESD8-11 (0.9 V to 1.65 V)
x JESD8-7 (1.2 V to 1.95 V)
x JESD8-5 (1.8 V to 2.7 V)
x JESD8-B (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114E Class 3A exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Low static-power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74AUP2G07
Low-power dual buffer with open-drain output
Rev. 02 — 12 June 2007
Product data sheet


Similar Part No. - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Diodes Incorporated
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
Diodes Incorporated
74AUP2G07DW-7 DIODES-74AUP2G07DW-7 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07FW3-7 DIODES-74AUP2G07FW3-7 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
More results

Similar Description - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com