Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5322048 Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK5322048
Description  262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK5322048 Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK5322048 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK5322048 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK532256W high density memory module is a CMOS
dynamic RAM organized in 256K x 32 bit words. The module con-
sists of eight standard 256K x 4 DRAMs in plastic SOJ packages.
The assembly has eight drams mounted on the front side of a
printed circuit board in a 72 pad leadless SIM configuration.
The operation of the AK532256W is identical to eight 256K x 4
DRAMs. There are four CAS lines and two RAS lines. Independent
byte control is accomplished by four CAS lines. Each seperate CAS
line controls two 256K x 4 Drams to form an 8 bit byte. The bank of
32 bits is controlled by the two RAS lines. A sixteen bit data path can
be produced by connecting DQ1 to DQ17,DQ2 to DQ18 and alter-
nately strobing RAS0 with RAS2.
FEATURES
· 262,144 x 32 bit organization
· 72 pin Single In-Line Module
· Multiple CAS and RAS lines allow x16 or x32 bit widths
· CAS-before-RAS Refresh, RAS-only Refresh or Hidden refresh
· Operating free air temperature 0
oCto70oC
· Single 5 Volt Power Supply
· 512 Refresh Cycles, 8mSEC
· Power
2.00 Watt Max Active (60nS)
1.78 Watt Max Active (70 nS)
1.562 Watt Max Active (80 nS)
44 mW Max Standby
· Available in Fast Page Mode, EDO and Static Column Mode
versions
· Available in leadless SIM or leaded Zip versions
· Upward compatible with AK532512, AK5321024, AK5322048,
AK5324096 and AK5328192
ADDITIONAL OPTIONS AVAILABLE
· 512K x 32 version, AK532512
· 1 Meg x 32 version, AK5321024
· 2 Meg x 32 version, AK5322048
· 4 Meg x 32 version, AK5324096
· 8 Meg x 32 version, AK5328192
Accutek
Microcircuit
Corporation
AK532256W
262,144 Word by 32 Bit CMOS
Dynamic Random Access Memory
+
+
+
PIN NOMENCLATURE
A0 -A8
Address Inputs
DQ1 -DQ32
Data In/Data Out
CAS0 - CAS3
Column Address Strobe
RAS0, RAS2
Row Address Strobe
WE
Write Enable
PD1 -PD4
Presence Detect
Vcc
5v Supply
Vss
Ground
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK532256W
Leaded ZIP: AK532256WZ
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1
Vss
19
NC
37
NC
55
DQ12
2
D1
20
DQ5
38
NC
56
DQ28
3
DQ17
21
DQ21
39
Vss
57
DQ13
4
DQ2
22
DQ6
40
CAS0
58
DQ29
5
DQ18
23
DQ22
41
CAS2
59
Vcc
6
DQ3
24
DQ7
42
CAS3
60
DQ30
7
DQ19
25
DQ23
43
CAS1
61
DQ14
8
DQ4
26
DQ8
44
RAS0
62
DQ31
9
DQ20
27
DQ24
45
NC
63
DQ15
10
Vcc
28
A7
46
NC
64
DQ32
11
NC
29
NC
47
WE
65
DQ16
12
A0
30
Vcc
48
NC
66
NC
13
A1
31
A8
49
DQ9
67
PD1
14
A2
32
NC
50
DQ25
68
PD2
15
A3
33
NC
51
DQ10
69
PD3
16
A4
34
RAS2
52
DQ26
70
PD4
17
A5
35
NC
53
DQ11
71
NC
18
A6
36
NC
54
DQ27
72
Vss
Presence Detect -
-60
-70
-80
PD1
Vss
Vss
Vss
PD2
NC
NC
NC
PD3
NC
Vss
NC
PD4
NC
NC
Vss


Similar Part No. - AK5322048

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK5322048 ACCUTEK-AK5322048 Datasheet
71Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW Datasheet
78Kb / 2P
   2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW Datasheet
71Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
More results

Similar Description - AK5322048

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK536256W ACCUTEK-AK536256W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW Datasheet
72Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5322048W ACCUTEK-AK5322048W Datasheet
74Kb / 2P
   2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W Datasheet
74Kb / 2P
   4,194,304 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5321024N ACCUTEK-AK5321024N Datasheet
164Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5321024W ACCUTEK-AK5321024W Datasheet
71Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW Datasheet
78Kb / 2P
   2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5322048N ACCUTEK-AK5322048N Datasheet
263Kb / 2P
   2,097,152 Word by 32 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com