Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18SF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMB18SF
Description  Self-contained DC-operated Opposed Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB18SF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMB18SF Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB18SF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
page
3
MINI-BEAM
® Sensors SM31E/SM31R and SM31EL/SM31RL
Banner Engineering Corp. Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
NOTE:
DC MINI-BEAMs may be ordered with 0.3 millisecond on/off response by adding suffix “MHS” to the model numbers
(e.g. - SM31EMHS & SM31RMHS). This modification reduces sensing range (and excess gain).
MINI-BEAM DC Sensor Specifications
Certifications
Supply Voltage and Current
10 to 30V dc (10% maximum ripple) at less than 25 mA (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN) open-collector transistor
Output Rating
150mA maximum each output at 25°C, derated to 100 mA at 70°C (derate
≈1 mA per °C)
Off-state leakage current less than 1 microamp
Output saturation voltage (PNP output) less than 1 volt at 10 mA and less than 2 volts at 150 mA
Output saturation voltage (NPN output) less than 200 millivolts at 10 mA and less than 1 volt at 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or short-circuit of outputs
Output Response Time
Sensors will respond to either a “light” or a “dark” signal of 1 millisecond or longer duration, 500 Hz max.
0.3 millisecond response modification is available. See note below.
(100 millisecond delay on power-up; outputs do not conduct during this time.)
NOTE: DC MINI-BEAMs may be ordered with 0.3 millisecond on/off response by adding suffix “MHS” to
the model numbers (e.g, SM31EMHS & SM31RMHS). This modification reduces sensing range
(and excess gain).
Adjustments
LIGHT/DARK OPERATE select switch, and 15-turn slotted brass screw GAIN (sensitivity) adjustment
potentiometer (clutched at both ends of travel). Both controls are located on rear panel of sensor and
protected by a gasketed, clear acrylic cover.
Indicators
Exclusive, patented Alignment Indicating Device system (AID, US patent #4356393) lights a rear-panel
mounted red LED indicator whenever the sensor sees a “light” condition, with a superimposed pulse rate
proportional to the light signal strength (the stronger the signal, the faster the pulse rate).
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-ring sealing, acrylic lenses, and
stainless steel screws.
Environmental Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67
Connections
PVC-jacketed 4-conductor 2 m (6.5') or 9 m (30') cables, or 4-pin Euro-style quick disconnect (QD)
fitting are available. QD cables are ordered separately. See page 8.
Operating Temperature
Temperature: -20° to +70°C (-4° to +158°F)
Maximum relative humidity: 90% at 50°C (non-condensing)
Application Notes
The NPN (current sinking) output of dc MINI-BEAM sensors is directly compatible as an input to Banner
logic modules, including all non-amplified MAXI-AMP and MICRO-AMP modules. MINI-BEAMs are
TTL compatible.


Similar Part No. - SMB18SF

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SMB18SF BANNER-SMB18SF Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
SMB18SF BANNER-SMB18SF Datasheet
909Kb / 10P
   MINI-BEAM짰 MIAD9 NAMUR Series Sensor
SMB18SF BANNER-SMB18SF Datasheet
544Kb / 8P
   T-GAGE짰 M18T Series Sensor
SMB18SF BANNER-SMB18SF Datasheet
1,011Kb / 12P
   U-GAGE™ S18U Series Sensors with Analog Output
2013
More results

Similar Description - SMB18SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com