Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP126 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TIP126
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP126 Datasheet(HTML) 5 Page - Power Innovations Ltd

  TIP126 Datasheet HTML 1Page - Power Innovations Ltd TIP126 Datasheet HTML 2Page - Power Innovations Ltd TIP126 Datasheet HTML 3Page - Power Innovations Ltd TIP126 Datasheet HTML 4Page - Power Innovations Ltd TIP126 Datasheet HTML 5Page - Power Innovations Ltd TIP126 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP125, TIP126, TIP127
PNP SILICON POWER DARLINGTONS
5
DECEMBER 1971 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Similar Part No. - TIP126

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP126 MOSPEC-TIP126 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Nanjing International G...
TIP126 DGNJDZ-TIP126 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
TIP126 ETC2-TIP126 Datasheet
403Kb / 6P
   Darlington Transistors
logo
Micro Commercial Compon...
TIP126 MCC-TIP126 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Motorola, Inc
TIP126 MOTOROLA-TIP126 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP126

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com