Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT162245AGRDR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVT162245AGRDR
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT162245AGRDR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVT162245AGRDR Datasheet HTML 1Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 2Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 3Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 4Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 5Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 6Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 7Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 8Page - Texas Instruments SN74LVT162245AGRDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
xxx
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN54LVT162245A
,, SN74LVT162245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS714D – FEBRUARY 2000 – REVISED NOVEMBER 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVT162245AGRDR
Reel of 1000
LZ245A
FBGA – ZRD (Pb-free)
SN74LVT162245AZRDR
SN74LVT162245ADL
Tube of 25
SN74LVT162245ADLG4
SSOP – DL
LVT162245A
SN74LVT162245ADLR
–40
°C to 85°C
Reel of 1000
74LVT162245ADLRG4
SN74LVT162245ADGGR
TSSOP – DGG
Reel of 2000
LVT162245A
74LVT162245ADGGRE4
VFBGA – GQL
SN74LVT162245AGQLR
Reel of 1000
LZ245A
VFBGA – ZQL (Pb-free)
SN74LVT162245AZQLR
–55
°C to 125°C
CFP – WD
Tube
SNJ54LVT162245AWD(2)
SNJ54LVT162245AWD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
Product preview
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1DIR
NC
NC
NC
NC
1OE
B
1B2
1B1
GND
GND
1A1
1A2
C
1B4
1B3
VCC
VCC
1A3
1A4
D
1B6
1B5
GND
GND
1A5
1A6
E
1B8
1B7
1A7
1A8
F
2B1
2B2
2A2
2A1
G
2B3
2B4
GND
GND
2A4
2A3
H
2B5
2B6
VCC
VCC
2A6
2A5
J
2B7
2B8
GND
GND
2A8
2A7
K
2DIR
NC
NC
NC
NC
2OE
xxx
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1B1
NC
1DIR
1OE
NC
1A1
B
1B3
1B2
NC
NC
1A2
1A3
C
1B5
1B4
VCC
VCC
1A4
1A5
D
1B7
1B6
GND
GND
1A6
1A7
E
2B1
1B8
GND
GND
1A8
2A1
F
2B3
2B2
GND
GND
2A2
2A3
G
2B5
2B4
VCC
VCC
2A4
2A5
H
2B7
2B6
NC
NC
2A6
2A7
J
2B8
NC
2DIR
2OE
NC
2A8
(1)
NC – No internal connection
2
Submit Documentation Feedback


Similar Part No. - SN74LVT162245AGRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT162245AGRDR TI-SN74LVT162245AGRDR Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVT162245AGRDR TI-SN74LVT162245AGRDR Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVT162245AGRDR TI-SN74LVT162245AGRDR Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT162245AGRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com