Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM65MLVD082DGGR Datasheet(PDF) 11 Page - Texas Instruments

Part # SM65MLVD082DGGR
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD082DGGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM65MLVD082DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 9Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 10Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 11Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 12Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 13Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 14Page - Texas Instruments SM65MLVD082DGGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
15 pF
tpZL
tpLZ
VOL
VOL +0.5 V
VO
RL
499
_
+
VTEST
B
A
RE
1.2 V
Inputs
VCC
1 V
VCC
VCC/2
0 V
VCC
VCC/2
VTEST
A
RE
VO
0 V
1.4 V
A
tpZH
tpHZ
0 V
VOH -0.5 V
VCC
VCC/2
0 V
VOH
VCC/2
RE
VO
VTEST
CL
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 1 MHz,
duty cycle = 50 ± 5%.
B.
RL is 1% tolerance, metal film, surface mount, and located within 2 cm of the D.U.T.
C.
CL is the instrumentation and fixture capacitance within 2 cm of the DUT and ±20%. The measurement is made on
test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 11. Receiver Enable/Disable Time Test Circuit and Waveforms
11
Submit Documentation Feedback


Similar Part No. - SM65MLVD082DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
More results

Similar Description - SM65MLVD082DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com