Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC182DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC182DRG4
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LBC182DRG4 Datasheet HTML 1Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 2Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 3Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 4Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 5Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 6Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 7Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 8Page - Texas Instruments SN65LBC182DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
2
www.ti.com
schematic of inputs and outputs
A Port
Only
12
µA
Nominal
A or B
I/O
B Port
Only
12
µA
Nominal
72 k
16 k
16 k
VCC
1
2
3
45
6
7
8
A
R
B
DE
GND
D
RE
VCC
SN65LBC182D (Marked as 6LB182)
SN75LBC182D (Marked as 7LB182)
SN65LBC182P (Marked as 65LBC182)
SN75LBC182P (Marked as 75LBC182)
(TOP VIEW)
Function Tables
DRIVER
INPUT
D
ENABLE
DE
OUTPUTS
INPUT
D
ENABLE
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
Open
H
H
L
RECEIVER
DIFFERENTIAL
INPUTS
ENABLE
RE
OUTPUT
R
VID ≥ 0.2 V
-0.2V
< VID < 0.2 V
VID ≤ -0.2 V
X
Open
L
L
L
H
L
H
?
L
Z
H
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC SMALL-OUTLINE†
(JEDEC MS-012)
PLASTIC DUAL-IN-LINE PACKAGE
(JEDEC MS-001)
0
°C to 70°C
SN75LBC182D
SN75LBC182P
−40
°C to 85°C
SN65LBC182D
SN65LBC182P
† Add R suffix for taped and reel.
† For the most current package and ordering information, see the Package Option Addendum at the end of this document,
or see the TI web site at www.ti.com.


Similar Part No. - SN65LBC182DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC182DRG4 TI-SN65LBC182DRG4 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC182DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com