Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4N150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP4N150
Description  N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4N150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP4N150 Datasheet HTML 4Page - STMicroelectronics STP4N150 Datasheet HTML 5Page - STMicroelectronics STP4N150 Datasheet HTML 6Page - STMicroelectronics STP4N150 Datasheet HTML 7Page - STMicroelectronics STP4N150 Datasheet HTML 8Page - STMicroelectronics STP4N150 Datasheet HTML 9Page - STMicroelectronics STP4N150 Datasheet HTML 10Page - STMicroelectronics STP4N150 Datasheet HTML 11Page - STMicroelectronics STP4N150 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
STP4N150 - STW4N150
8/14
Figure 13. Source-drain diode forward
characteristics
Figure 14. Normalized BVDSS vs temperature
Figure 15. Maximum avalanche energy vs
temperature


Similar Part No. - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
logo
Inchange Semiconductor ...
STP4N150 ISC-STP4N150 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
   N-channel 1500V - 2.2廓 - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
244Kb / 10P
   N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
   N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com