Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1122N Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1122N
Description  LOW NOISE 150mA LDO REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1122N Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1122N Datasheet HTML 2Page - RICOH electronics devices division R1122N Datasheet HTML 3Page - RICOH electronics devices division R1122N Datasheet HTML 4Page - RICOH electronics devices division R1122N Datasheet HTML 5Page - RICOH electronics devices division R1122N Datasheet HTML 6Page - RICOH electronics devices division R1122N Datasheet HTML 7Page - RICOH electronics devices division R1122N Datasheet HTML 8Page - RICOH electronics devices division R1122N Datasheet HTML 9Page - RICOH electronics devices division R1122N Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
R1122N
6
• ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
7RSW
°&
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Conditions
Typ.
Max.
 ≤ 9287 ≤ 


 ≤ 9287 ≤ 


 ≤ 9287 ≤ 


 ≤ 9287 ≤ 


 ≤ 9287 ≤ 
,287
P$


OPERATION
R1122xx1A
R1122xx1B
31
4
+
_
Current Limit
Vref
VOUT
VDD
CE
GND
R1
R2
2
R1
R2
31
4
+
_
Current Limit
Vref
VOUT
VDD
CE
GND
2
,Q WKHVH ,&V IOXFWXDWLRQ RI WKH RXWSXW YROWDJH 9287 LV GHWHFWHG E\ IHHGEDFN UHJLVWHUV 5 DQG 5 DQG WKH UHVXOW LV
FRPSDUHG ZLWKDUHIHUHQFHYROWDJH E\WKH HUURU DPSOLILHU VRWKDWDFRQVWDQW YROWDJHLVRXWSXW
$FXUUHQWOLPLWFLUFXLWIRUSURWHFWLRQDWVKRUWPRGHDQG DFKLS HQDEOHFLUFXLWDUH LQFOXGHG


Similar Part No. - R1122N

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1122N RICOH-R1122N Datasheet
295Kb / 22P
   LOW NOISE 150mA LDO REGULATOR???
logo
Nisshinbo Micro Devices...
R1122N NISSHINBO-R1122N Datasheet
336Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1122N151A-TR-FE RICOH-R1122N151A-TR-FE Datasheet
268Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1122N151B-TR-FE RICOH-R1122N151B-TR-FE Datasheet
268Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1122N151H-TR-FE NISSHINBO-R1122N151H-TR-FE Datasheet
336Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1122N

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com