Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1124N231A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1124N231A
Description  LOW NOISE 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1124N231A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1124N231A Datasheet HTML 2Page - RICOH electronics devices division R1124N231A Datasheet HTML 3Page - RICOH electronics devices division R1124N231A Datasheet HTML 4Page - RICOH electronics devices division R1124N231A Datasheet HTML 5Page - RICOH electronics devices division R1124N231A Datasheet HTML 6Page - RICOH electronics devices division R1124N231A Datasheet HTML 7Page - RICOH electronics devices division R1124N231A Datasheet HTML 8Page - RICOH electronics devices division R1124N231A Datasheet HTML 9Page - RICOH electronics devices division R1124N231A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
R1124N
6
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt
= 25°C
Dropout Voltage
VDIF (V)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
VOUT
= 1.5
0.38
0.70
VOUT
= 1.6
0.36
0.65
VOUT
= 1.7
0.34
0.60
1.8 <
= VOUT <
= 2.0
0.32
0.55
2.1 <
= VOUT <
= 2.7
0.28
0.50
2.8 <
= VOUT <
= 4.0
IOUT
= 150mA
0.22
0.35
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor COUT with good frequency characteristics and ESR (Equivalent Series Resistance).
(Note: When the additional ceramic capacitors are connected to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor with a capacitance value as much as 1.0µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor, as close as possible to the ICs, and make wiring as
short as possible


Similar Part No. - R1124N231A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1124NS16X ETC1-R1124NS16X Datasheet
2Mb / 12P
   DISTRIBUTED GATE THYRISTOR
R1124NS18X ETC1-R1124NS18X Datasheet
2Mb / 12P
   DISTRIBUTED GATE THYRISTOR
More results

Similar Description - R1124N231A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com