Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1126N251B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1126N251B
Description  LOW NOISE 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1126N251B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1126N251B Datasheet HTML 2Page - RICOH electronics devices division R1126N251B Datasheet HTML 3Page - RICOH electronics devices division R1126N251B Datasheet HTML 4Page - RICOH electronics devices division R1126N251B Datasheet HTML 5Page - RICOH electronics devices division R1126N251B Datasheet HTML 6Page - RICOH electronics devices division R1126N251B Datasheet HTML 7Page - RICOH electronics devices division R1126N251B Datasheet HTML 8Page - RICOH electronics devices division R1126N251B Datasheet HTML 9Page - RICOH electronics devices division R1126N251B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
R1126N
6
TEST CIRCUITS
C1
R1126N
Series
VDD
VOUT
CE
GND
V
C2
VOUT
IOUT
C1=Ceramic 1.0
µF
C2=Ceramic 1.0
µF
Fig.1 Standard test Circuit
C1
R1126N
Series
VDD
VOUT
CE
GND
C2
A
ISS
C1=Ceramic 1.0
µF
C2=Ceramic 1.0
µF
Fig.2 Supply Current Test Circuit
R1126N
Series
VDD
VOUT
CE
GND
C2
Pulse
Generator
IOUT
C2=Ceramic 1.0
µF
Fig.3 Ripple Rejection, Line Transient Response Test Circuit


Similar Part No. - R1126N251B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R11265U-100-M4 HAMAMATSU-R11265U-100-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
R11265U-103-M4 HAMAMATSU-R11265U-103-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
R11265U-200-M4 HAMAMATSU-R11265U-200-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
R11265U-203-M4 HAMAMATSU-R11265U-203-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
More results

Similar Description - R1126N251B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com