Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1232D121A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1232D121A
Description  PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1232D121A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1232D121A Datasheet HTML 5Page - RICOH electronics devices division R1232D121A Datasheet HTML 6Page - RICOH electronics devices division R1232D121A Datasheet HTML 7Page - RICOH electronics devices division R1232D121A Datasheet HTML 8Page - RICOH electronics devices division R1232D121A Datasheet HTML 9Page - RICOH electronics devices division R1232D121A Datasheet HTML 10Page - RICOH electronics devices division R1232D121A Datasheet HTML 11Page - RICOH electronics devices division R1232D121A Datasheet HTML 12Page - RICOH electronics devices division R1232D121A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
R1232D
9
When you use these ICs, consider the following issues;
• Input the same voltage into power supply pins, VIN and VDD. Set the same level as AGND and PGND.
• When you control the CE pin by another power supply, do not make its "H" level more than the voltage level
of VIN / VDD pin.
• Set external components such as an inductor, CIN, COUT as close as possible to the IC, in particular,
minimize the wiring to VIN pin and PGND pin.
• At stand by mode, (CE="L"), the LX output is Hi-Z, or both P-channel transistor and N-channel transistor of
LX pin turn off.
• In terms of the protection circuits, current limit for the peak current of each cycle of Lx, and the latch
protection circuit, which works if the over-limit current flows continuously for a certain time exist. To release
the protection, once make this IC into be standby mode with chip enable pin, or make the supply voltage be
down to UVLO threshold level or less.
• Reinforce the VIN, PGND, and VOUT lines sufficiently. Large switching current may flow in these lines. If the
impedance of VIN and PGND lines is too large, the internal voltage level in this IC may shift caused by the
switching current, and the operation might be unstable.
• Connect the TEST Pin to the "L" or GND level.
The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that
the values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.


Similar Part No. - R1232D121A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1232D121A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com