Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1234D Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1234D
Description  PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1234D Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1234D Datasheet HTML 1Page - RICOH electronics devices division R1234D Datasheet HTML 2Page - RICOH electronics devices division R1234D Datasheet HTML 3Page - RICOH electronics devices division R1234D Datasheet HTML 4Page - RICOH electronics devices division R1234D Datasheet HTML 5Page - RICOH electronics devices division R1234D Datasheet HTML 6Page - RICOH electronics devices division R1234D Datasheet HTML 7Page - RICOH electronics devices division R1234D Datasheet HTML 8Page - RICOH electronics devices division R1234D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
R1234D
4
PIN CONFIGURATIO
SON-8
8 7 6 5
1 2 3 4
5 678
4 321
∗ ∗
Bottom View
Top View
PIN DESCRIPTION
Pin No
Symbol
Pin Description
1
VIN
Voltage Supply Pin
2
PGND
Power Ground Pin
3
VDD
Voltage Supply Pin
4
CE
Chip Enable Pin (active with "H")
5
VOUT/VFB
Output/Feedback Pin
6
MODE
Mode changer Pin ("L"
=PWM, "H"=VFM)
7
AGND
Analogue Ground Pin
8
LX
LX Pin (CMOS)
* Tab in the
parts have GND level. (They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
VIN Supply Voltage
6.5
V
VDD
VDD Pin Voltage
6.5
V
VLX
LX Pin Voltage
−0.3 to VIN +0.3
V
VCE
CE Pin Input Voltage
−0.3 to VIN +0.3
V
VMODE
MODE Pin Input Voltage
−0.3 to VIN +0.3
V
VFB
VFB Pin Input Voltage
−0.3 to VIN +0.3
V
ILX
LX Pin Output Current
−0.8
A
PD
Power Dissipation (SON-8)
480
mW
Topt
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +125
°C
* ) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.


Similar Part No. - R1234D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1234D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com