Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER158 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER158
Description  1.5 AMPS. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER158 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER158 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER158 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
10
1
0.1
0.01
0
Tj=25 C
0
Tj=100 C
0
Tj=75 C
0
RATINGS AND CHARACTERISTIC CURVES (HER151 THRU HER158)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
10
0
20
30
50
40
60
80
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500 800
25
0
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HER151~HER155
HER156~
HER158
Version: A06
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
100
150
175
125
75
0
2.0
3.0
1.0
AMBIENT TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
HER156-HER158
HER151-HER154
HER155
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)


Similar Part No. - HER158

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER158 WTE-HER158 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Compact Technology Corp...
HER158 CTC-HER158 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
HER158 DAESAN-HER158 Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Nanjing International G...
HER158 DGNJDZ-HER158 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
HER158 PFS-HER158 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER158

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
   1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
   1.5 AMPS. High Efficient Surface Mount Rectifiers
BYG20D TSC-BYG20D Datasheet
439Kb / 4P
   1.5 AMPS High Efficient Surface Mount Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_1 Datasheet
267Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HS2AA TSC-HS2AA_11 Datasheet
135Kb / 2P
   1.5 AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com