Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER204G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER204G
Description  2.0 AMPS. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER204G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER204G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER204G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 333 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HER201G THRU HER208G)
FIG.2- MAXIMUM FORWARD
CURRENT DERATING CURVE
25
50
75
100 125 150 175
0.5
1.0
2.0
3.0
AMBIENT TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
2
5
10
20
100
50
10
0
20
30
50
40
60
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
FIG.4- TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
100
10
1
0.1
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
0
HER201G~HER204G
HER205G
FIG.6- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
2
10
20
50
100 200
500
25
0
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
Tj=25 C
0
HE
R20
1G
~H
ER
205
G
HER206G~HER208G
70
800
0
0
140
Tj=75 C
0


Similar Part No. - HER204G

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
HER204G GXELECTRONICS-HER204G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
Jinan Gude Electronic D...
HER204G JGD-HER204G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER204G CHENYI-HER204G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
logo
Compact Technology Corp...
HER204G CTC-HER204G Datasheet
114Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Yangzhou yangjie electr...
HER204G YANGJIE-HER204G Datasheet
210Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HER204G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G_1 Datasheet
267Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Rectifiers
EGP20A TSC-EGP20A Datasheet
70Kb / 2P
   2.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
   10.0 AMPS. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_1 Datasheet
245Kb / 2P
   1.0 AMPS. Glass Passivated High Efficient Rectifiers
HER0801G TSC-HER0801G Datasheet
109Kb / 2P
   8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com