Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1282D002A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1282D002A
Description  2CH PWM DC/DC CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1282D002A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1282D002A Datasheet HTML 2Page - RICOH electronics devices division R1282D002A Datasheet HTML 3Page - RICOH electronics devices division R1282D002A Datasheet HTML 4Page - RICOH electronics devices division R1282D002A Datasheet HTML 5Page - RICOH electronics devices division R1282D002A Datasheet HTML 6Page - RICOH electronics devices division R1282D002A Datasheet HTML 7Page - RICOH electronics devices division R1282D002A Datasheet HTML 8Page - RICOH electronics devices division R1282D002A Datasheet HTML 9Page - RICOH electronics devices division R1282D002A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
R1282D002A
6
Output Current and Selection of External Components
Output Current of Step-up Circuit and External Components
There are two modes, or discontinuous mode and continuous mode for the PWM step-up switching regulator
depending on the continuous characteristic of inductor current.
During on time of the transistor, when the voltage added on to the inductor is described as VIN, the current is
VIN
× t/L.
Therefore, the electric power, PON, which is supplied with input side, can be described as in next formula.
dt
t/L
V
P
Ton
0
2
IN
ON
×
=
...................................................................................................Formula 1
With the step-up circuit, electric power is supplied from power source also during off time. In this case, input
current is described as (VOUT
−VIN)×t/L, therefore electric power, POFF is described as in next formula.
dt
)t/L
V
(V
V
P
IN
OUT
Tf
0
IN
OFF
×
=
...................................................................................Formula 2
In this formula, Tf means the time of which the energy saved in the inductance is being emitted. Thus average
electric power, PAV is described as in the next formula.
dt}
)t/L
V
(V
V
dt
t/L
V
{
Toff)
1/(Ton
P
IN
OUT
Tf
0
IN
Ton
0
2
IN
AV
×
+
×
×
+
=
............................Formula 3
In PWM control, when Tf
=Toff is true, the inductor current becomes continuos, then the operation of switching
regulator becomes continuous mode.
In the continuous mode, the deviation of the current is equal between on time and off time.
VIN
×Ton/L=(VOUT−VIN)×Toff/L ..........................................................................................Formula 4
Further, the electric power, PAV is equal to output electric power, VOUT
×IOUT, thus,
IOUT
= fOSC × VIN2×Ton2/{2×L ×(VOUT−VIN)}=VIN2×Ton/(2×L×VOUT)......................................Formula 5
When IOUT becomes more than VIN
×Ton×Toff/(2×L×(Ton+Toff)), the current flows through the inductor, then the
mode becomes continuous. The continuous current through the inductor is described as
Iconst, then,
IOUT
= fOSC×VIN2 ×Ton2/(2×L×(VOUT−VIN))+VIN×Iconst/VOUT ...............................................Formula 6


Similar Part No. - R1282D002A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R12829 HAMAMATSU-R12829_15 Datasheet
99Kb / 4P
   800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
More results

Similar Description - R1282D002A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1280D002X RICOH-R1280D002X Datasheet
344Kb / 26P
   2CH PWM DC/DC Controller?
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
   PWM Boost DC-DC Controller
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com