Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1234D261A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1234D261A
Description  PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1234D261A Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1234D261A Datasheet HTML 1Page - RICOH electronics devices division R1234D261A Datasheet HTML 2Page - RICOH electronics devices division R1234D261A Datasheet HTML 3Page - RICOH electronics devices division R1234D261A Datasheet HTML 4Page - RICOH electronics devices division R1234D261A Datasheet HTML 5Page - RICOH electronics devices division R1234D261A Datasheet HTML 6Page - RICOH electronics devices division R1234D261A Datasheet HTML 7Page - RICOH electronics devices division R1234D261A Datasheet HTML 8Page - RICOH electronics devices division R1234D261A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
R1234D
3
SELECTION GUIDE
In the R1234D Series, the output voltage, the oscillator frequency, and the taping type for the ICs can be
selected at the user's request.
The selection can be made with designating the part number as shown below;
R1234Dxx1x-xx-x←Part Number
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
Code
Contents
a
Designation of Package Type;
D: SON-8
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 1.2V to 3.3V is possible for A/B
version."00" is for Output Voltage Adjustable C/D version (0.8V to )
c
1: fixed
d
Designation of Optional Function
A: 500kHz, Fixed Output Voltage
B: 800kHz, Fixed Output Voltage
C: 500kHz, Adjustable Output Voltage
D: 800kHz, Adjustable Output Voltage
e
Designation of Taping Type;
(Refer to Taping Specification)"TR" is prescribed as a standard.
f
Designation of Composition of pin plating
-F: Lead free plating


Similar Part No. - R1234D261A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1234D261A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com