Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV1610AIP70 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BH616UV1610AIP70
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV1610AIP70 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BH616UV1610AIP70 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 9Page - Brilliance Semiconductor BH616UV1610AIP70 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BH616UV1610
R0201-BH616UV1610
Revision
1.2
May.
2006
6
READ CYCLE 2
(1,3,4)
READ CYCLE 3
(1, 4)
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE1 = VIL and CE2= VIH.
3. Address valid prior to or coincident with CE1 transition low and/or CE2 transition high.
4. OE = VIL.
5. Transition is measured ± 500mV from steady state with CL = 5pF.
The parameter is guaranteed but not 100% tested.
tOH
tRC
tOE
tBE
tBDO
DOUT
CE1
OE
ADDRESS
tCLZ1
(5)
tACS1
tCHZ
(1,5)
tOHZ
(5)
tOLZ
tAA
LB, UB
tBA
tCLZ2
(5)
tCHZ2
(2,5)
CE2
tACS2
tCLZ
(5,6)
DOUT
CE2
CE1
tACS2
(6)
tACS1
tCHZ
(5, 6)


Similar Part No. - BH616UV1610AIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1610AI BSI-BH616UV1610AI Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH616UV1610AI-70 BSI-BH616UV1610AI-70 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH616UV1610AIG70 BSI-BH616UV1610AIG70 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results

Similar Description - BH616UV1610AIP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BS616UV1610 BSI-BS616UV1610 Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BH616UV8011 BSI-BH616UV8011 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8011 BSI-BH616UV8011_08 Datasheet
238Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010 Datasheet
138Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BH616UV8010 BSI-BH616UV8010_06 Datasheet
164Kb / 11P
   Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com