Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH616UV1611DIP55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BH616UV1611DIP55
Description  Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BH616UV1611DIP55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BH616UV1611DIP55 Datasheet HTML 1Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 2Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 3Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 4Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 5Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 6Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 7Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 8Page - Brilliance Semiconductor BH616UV1611DIP55 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultra Low Power/High Speed CMOS SRAM
1M X 16 bit / 2M x 8-bit
BH616UV1611
R0201-BH616UV1611
Revision
1.3
Otc.
2006
1
Pb-Free and Green package materials are compliant to RoHS
n FEATURES
Ÿ Wide V
CC low operation voltage : 1.65V ~ 3.6V
Ÿ Ultra low power consumption :
VCC = 3.6V
Operation current : 10mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current : 5.0uA (Typ.) at 3.0V/25
OC
VCC = 1.2V
Data retention current : 1.5uA(Typ.) at 25
OC
Ÿ High speed access time :
-55
55ns (Max.) at VCC=1.65~3.6V
-70
70ns (Max.) at VCC=1.65~3.6V
Ÿ Automatic power down when chip is deselected
Ÿ Easy expansion with CE1, CE2 and OE options
Ÿ I/O Configuration x8/x16 selectable by LB and UB pin.
Ÿ Three state outputs and TTL compatible
Ÿ Fully static operation, no clock, no refresh
Ÿ Data retention supply voltage as low as 1.0V
n DESCRIPTION
The BH616UV1611 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 1,048,576 by 16 bits
and operates in a wide range of 1.65V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with typical operating current of
1.5mA at 1MHz at 3.0V/25
OC and maximum access time of 55ns at
1.65V/85
OC.
Easy memory expansion is provided by an active LOW chip enable
(CE1), an active HIGH chip enable (CE2) and active LOW output
enable (OE) and three-state output drivers.
The BH616UV1611 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BH616UV1611 is available in DICE form, JEDEC standard
48-pin TSOP-I and 48-ball BGA package.
n POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=3.6V
VCC=1.8V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=3.6V
VCC=1.8V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BH616UV1611DI
DICE
BH616UV1611BI
BGA-48-0810
BH616UV1611TI
Industrial
-40
OC to +85OC
30uA
25uA
2mA
6mA
10mA
1.5mA
5mA
8mA
TSOP I-48
n PIN CONFIGURATIONS
n BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
Detailed product characteristic test report is available upon request and being accepted.
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 16384
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A7
A4 A3 A2
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A15
A14
A13
A12
A11
A10
A9
A8
A19
A18
16
16
16
16
10
1024
16384
1024
10
A16
Data
Output
Buffer
A5
CE2, CE1
WE
OE
UB
LB
VCC
VSS
A1
.
.
.
.
.
.
A6
A17
A0
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE
CE2
NC
UB
LB
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
BH616UV1611TI
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A16
BYTE
VSS
DQ15/A20
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
VSS
CE1
A0
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
DQ13
DQ5
DQ7
DQ6
A17
A16
A7
VSS
VCC
DQ12
DQ11
DQ4
DQ3
NC
A5
OE
A3
A0
A6
A4
A1
A2
CE2
UB
DQ10
DQ1
CE1
DQ2
DQ0
48-ball BGA top view
LB
DQ8
DQ9
VSS
VCC
DQ14
DQ15
A18
A19
A8


Similar Part No. - BH616UV1611DIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG55 BSI-BH616UV1611AIG55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIG70 BSI-BH616UV1611AIG70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP55 BSI-BH616UV1611AIP55 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611AIP70 BSI-BH616UV1611AIP70 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
More results

Similar Description - BH616UV1611DIP55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1601 BSI-BH62UV1601 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV1600 BSI-BH62UV1600 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 2M X 8 bit
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com