Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1600ECG55 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62LV1600ECG55
Description  Very Low Power CMOS SRAM 2M X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1600ECG55 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62LV1600ECG55 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1600ECG55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BS62LV1600
R0201-BS62LV1600
Revision
2.3
May.
2006
6
n AC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
WRITE CYCLE
JEDEC
PARAMETER
NAME
PARANETER
NAME
DESCRIPTION
CYCLE TIME : 55ns
(VCC = 3.0~5.5V)
MIN.
TYP.
MAX.
CYCLE TIME : 70ns
(VCC = 2.7~5.5V)
MIN.
TYP.
MAX.
UNITS
tAVAX
tWC
Write Cycle Time
55
--
--
70
--
--
ns
tAVWL
tAS
Address Set up Time
0
--
--
0
--
--
ns
tAVWH
tAW
Address Valid to End of Write
40
--
--
50
--
--
ns
tE1LWH
tCW
Chip Select to End of Write
40
--
--
50
--
--
ns
tWLWH
tWP
Write Pulse Width
30
--
--
35
--
--
ns
tWHAX
tWR1
Write Recovery Time
(CE1, WE)
0
--
--
0
--
--
ns
tE2LAX
tWR2
Write Recovery Time
(CE2)
0
--
--
0
--
--
ns
tWLQZ
tWHZ
Write to Output High Z
--
--
25
--
--
30
ns
tDVWH
tDW
Data to Write Time Overlap
25
--
--
30
--
--
ns
tWHDX
tDH
Data Hold from Write Time
0
--
--
0
--
--
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
tWHQX
tOW
End of Write to Output Active
5
--
--
5
--
--
ns
n SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE 1
(1)
tWC
tWR1
(3)
tCW
(11)
tCW
(11)
tWP
(2)
tAW
tOHZ
(4,10)
tAS
tWR2
(3)
tDH
tDW
DIN
DOUT
WE
CE2
CE1
OE
ADDRESS
(5)
(5)


Similar Part No. - BS62LV1600ECG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600ECG55 BSI-BS62LV1600ECG55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1600ECG55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1603 BSI-BS62LV1603 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV4006 BSI-BS62LV4006_06 Datasheet
400Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV4006 BSI-BS62LV4006_08 Datasheet
403Kb / 12P
   Very Low Power CMOS SRAM 512K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV8001 BSI-BS62LV8001_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 1M X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com