Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1224N332M Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1224N332M
Description  PWM/VFM step-down DC/DC Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1224N332M Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1224N332M Datasheet HTML 4Page - RICOH electronics devices division R1224N332M Datasheet HTML 5Page - RICOH electronics devices division R1224N332M Datasheet HTML 6Page - RICOH electronics devices division R1224N332M Datasheet HTML 7Page - RICOH electronics devices division R1224N332M Datasheet HTML 8Page - RICOH electronics devices division R1224N332M Datasheet HTML 9Page - RICOH electronics devices division R1224N332M Datasheet HTML 10Page - RICOH electronics devices division R1224N332M Datasheet HTML 11Page - RICOH electronics devices division R1224N332M Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
R1224N
When you use these ICs, consider the following issues;
⋅As shown in the block diagram, a parasitic diode is formed in each terminal, each of these diodes is not formed
for load current, therefore do not use it in such a way. When you control the CE pin by another power supply, do
not make its “H” level more than the voltage level of VIN pin.
⋅Set external components as close as possible to the IC and minimize the connection between the components
and the IC. In particular, a capacitor should be connected to VOUT pin with the minimum connection. Make
sufficient ground and reinforce supplying. A large switching current could flow through the connection of power
supply, an inductor and the connection of VOUT. If the impedance of the connection of power supply is high, the
voltage level of power supply of the IC fluctuates with the switching current. This may cause unstable operation
of the IC.
⋅Protection circuit may work if the maximum duty cycle continue for the time defined in the electrical
characteristics. Once after stopping the output voltage, output will restart with soft-start operation. If the
difference between input voltage and output voltage is small, the protection circuit may work.
⋅Use capacitors with a capacity of 22µF or more for VOUT pin, and with good high frequency characteristics such
as tantalum capacitors. We recommend you to use output capacitors with an allowable voltage at least twice as
much as setting output voltage. This is because there may be a case where a spike-shaped high voltage is
generated by an inductor when an external transistor is on and off.
⋅Choose an inductor that has sufficiently small D.C. resistance and large allowable current and is hard to reach
magnetic saturation. And if the value of inductance of an inductor is extremely small, the ILX may exceed the
absolute maximum rating at the maximum loading.
Use an inductor with appropriate inductance.
⋅Use a diode of a Schottky type with high switching speed, and also pay attention to its current capacity.
⋅Do not use this IC under the condition with VIN voltage at equal or less than minimum operating voltage.
⋅When the threshold level of an external power MOSFET is rather low and the drive-ability of voltage supplier is
small, if the output pin is short circuit, input voltage may be equal or less than UVLO detector threshold. In this
case, the devise is reset with UVLO function that is different from the reset-protection function caused by
maximum duty cycle.
⋅With the PWM/VFM alternative circuit, when the on duty cycle of switching is 35% or less, the R1224N alters
from PWM mode to VFM mode (Pulse skip mode). The purpose of this circuit is raising the efficiency with a light
load by skipping the frequency and suppressing the consumption current. However, the ratio of output voltage
against input voltage is 35% or less, (ex. VIN>8.6V and VOUT=3.0V) even if the large current may be loaded, the
IC keeps its VFM mode. As a result, frequency might be decreased, and oscillation waveform might be unstable.
These phenomena are the typical characteristics of the IC with PWM/VFM alternative circuit.
The performance of power source circuits using these ICs extremely depends upon the peripheral circuits.
Pay attention in the selection of the peripheral circuits. In particular, design the peripheral circuits in a way that
the values such as voltage, current, and power of each component, PCB patterns and the IC do not exceed their
respected rated values.
8


Similar Part No. - R1224N332M

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1221N RICOH-R1221N Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA RICOH-R1221N15AA Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA-TR RICOH-R1221N15AA-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC RICOH-R1221N15AC Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC-TR RICOH-R1221N15AC-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
More results

Similar Description - R1224N332M

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com