Electronic Components Datasheet Search |
|
R1515S053B Datasheet(PDF) 4 Page - RICOH electronics devices division |
|
R1515S053B Datasheet(HTML) 4 Page - RICOH electronics devices division |
4 / 20 page R1515x 4 ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VIN Input Voltage −0.3 to 50 V VIN Peak Input Voltage * 1 60 V VCE Input Voltage (CE Pin) −0.3 to VIN+0.3 < = 50 V VOUT Output Voltage −0.3 to VIN+0.3 < = 50 V IOUT Output Current 150 mA Power Dissipation (SOT-89-5) * 2 900 PD Power Dissipation (HSOP-6J) * 2 1700 mW Topt Operating Temperature Range −40 to 105 °C Tstg Storage Temperature Range −55 to 125 °C *1) Duration time =200ms *2) For Power Dissipation, please refer to PACKAGE INFORMATION to be described. ABSOLUTE MAXIMUM RATINGS Absolute Maximum ratings are threshold limit values that must not be exceeded ever for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits. |
Similar Part No. - R1515S053B |
|
Similar Description - R1515S053B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |